전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L443VCY6TR 데이터시트(PDF) 63 Page - STMicroelectronics

부품명 STM32L443VCY6TR
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 256KB Flash, 64KB SRAM, USB FS, LCD, analog, audio, AES
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L443VCY6TR 데이터시트(HTML) 63 Page - STMicroelectronics

Back Button STM32L443VCY6TR Datasheet HTML 59Page - STMicroelectronics STM32L443VCY6TR Datasheet HTML 60Page - STMicroelectronics STM32L443VCY6TR Datasheet HTML 61Page - STMicroelectronics STM32L443VCY6TR Datasheet HTML 62Page - STMicroelectronics STM32L443VCY6TR Datasheet HTML 63Page - STMicroelectronics STM32L443VCY6TR Datasheet HTML 64Page - STMicroelectronics STM32L443VCY6TR Datasheet HTML 65Page - STMicroelectronics STM32L443VCY6TR Datasheet HTML 66Page - STMicroelectronics STM32L443VCY6TR Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 215 page
background image
DS11421 Rev 4
63/215
STM32L443CC STM32L443RC STM32L443VC
Pinouts and pin description
86
-
-
-
-
-
-
20
K1
VREF-
S
-
-
-
-
88 E7 F8 12 F1
-
-
VSSA/
VREF-
S-
-
-
-
-
-
-
-
-
-
21
L1
VREF+
S
-
-
-
VREFBUF_OUT
-
-
-
---
22
M1
VDDA
S
-
-
-
-
99 F7 G8 13 H1
-
-
VDDA/
VREF+
S-
-
-
-
10 10 F6 F7 14 G2 23
L2
PA0
I/O
FT_a
-
TIM2_CH1,
USART2_CTS,
COMP1_OUT,
SAI1_EXTCLK,
TIM2_ETR, EVENTOUT
OPAMP1_VINP,
COMP1_INM,
ADC1_IN5,
RTC_TAMP2/
WKUP1
11 11 G7 G7 15 H2 24
M2
PA1
I/O
FT_la
-
TIM2_CH2, I2C1_SMBA,
SPI1_SCK,
USART2_RTS_DE,
LCD_SEG0,
TIM15_CH1N,
EVENTOUT
OPAMP1_VINM,
COMP1_INP,
ADC1_IN6
12 12 E5 F6 16 F3
25
K3
PA2
I/O
FT_la
-
TIM2_CH3, USART2_TX,
LPUART1_TX,
QUADSPI_BK1_NCS,
LCD_SEG1,
COMP2_OUT,
TIM15_CH1, EVENTOUT
COMP2_INM,
ADC1_IN7,
WKUP4/LSCO
13 13 E4 G6 17 G3 26
L3
PA3
I/O
TT_la
-
TIM2_CH4, USART2_RX,
LPUART1_RX,
QUADSPI_CLK,
LCD_SEG2,
SAI1_MCLK_A,
TIM15_CH2, EVENTOUT
OPAMP1_VOUT,
COMP2_INP,
ADC1_IN8
--
-
H8 18 C2 27
E3
VSS
S
-
-
-
-
--
-
H7 19 D2 28
H3
VDD
S
-
-
-
-
14 14 G6 E5 20 H3 29
M3
PA4
I/O
TT_a
-
SPI1_NSS, SPI3_NSS,
USART2_CK, SAI1_FS_B,
LPTIM2_OUT,
EVENTOUT
COMP1_INM,
COMP2_INM,
ADC1_IN9,
DAC1_OUT1
15 15 F5 F5 21 F4
30
K4
PA5
I/O
TT_a
-
TIM2_CH1, TIM2_ETR,
SPI1_SCK, LPTIM2_ETR,
EVENTOUT
COMP1_INM,
COMP2_INM,
ADC1_IN10,
DAC1_OUT2
Table 14. STM32L443xx pin definitions (continued)
Pin Number
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More