| 전자부품 데이터시트 검색엔진 |
|
STM32L443VCY7TR 데이터시트(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L443VCY7TR 데이터시트(HTML) 68 Page - STMicroelectronics |
|
68 / 215 page ![]() Pinouts and pin description STM32L443CC STM32L443RC STM32L443VC 68/215 DS11421 Rev 4 31 31 C2 D2 43 C6 69 C12 PA10 I/O FT_fl - TIM1_CH3, I2C1_SDA, USART1_RX, USB_CRS_SYNC, LCD_COM2, SAI1_SD_A, EVENTOUT - 32 32 C1 D3 44 C8 70 B12 PA11 I/O FT_u - TIM1_CH4, TIM1_BKIN2, SPI1_MISO, USART1_CTS, CAN1_RX, USB_DM, TIM1_BKIN2_COMP1, EVENTOUT COMP1_OUT 33 33 C3 C1 45 B8 71 A12 PA12 I/O FT_u - TIM1_ETR, SPI1_MOSI, USART1_RTS_DE, CAN1_TX, USB_DP, EVENTOUT - 34 34 B2 C2 46 A8 72 A11 PA13 (JTMS- SWDIO) I/O FT (3) JTMS-SWDIO, IR_OUT, USB_NOE, SWPMI1_TX, SAI1_SD_B, EVENTOUT - 35 35 B1 B1 47 D5 - - VSS S - - - - 36 36 A1 A1 48 E5 73 C11 VDD USB S- - - - - - - --- 74 F11 VSS S - - - - - - - --- 75 G11 VDD S - - - - 37 37 A2 B2 49 A7 76 A10 PA14 (JTCK- SWCLK) I/O FT (3) JTCK-SWCLK, LPTIM1_OUT, I2C1_SMBA, SWPMI1_RX, SAI1_FS_B, EVENTOUT - 38 38 B3 A2 50 A6 77 A9 PA15 (JTDI) I/O FT_l (3) JTDI, TIM2_CH1, TIM2_ETR, USART2_RX, SPI1_NSS, SPI3_NSS, USART3_RTS_DE, TSC_G3_IO1, LCD_SEG17, SWPMI1_SUSPEND, EVENTOUT - - - - C3 51 B778B11 PC10 I/O FT_l - SPI3_SCK, USART3_TX, TSC_G3_IO2, LCD_COM4/LCD_SEG28/ LCD_SEG40, SDMMC1_D2, EVENTOUT - Table 14. STM32L443xx pin definitions (continued) Pin Number Pin functions Alternate functions Additional functions |