전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L443CCT6 데이터시트(PDF) 65 Page - STMicroelectronics

부품명 STM32L443CCT6
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 256KB Flash, 64KB SRAM, USB FS, LCD, analog, audio, AES
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L443CCT6 데이터시트(HTML) 65 Page - STMicroelectronics

Back Button STM32L443CCT6 Datasheet HTML 61Page - STMicroelectronics STM32L443CCT6 Datasheet HTML 62Page - STMicroelectronics STM32L443CCT6 Datasheet HTML 63Page - STMicroelectronics STM32L443CCT6 Datasheet HTML 64Page - STMicroelectronics STM32L443CCT6 Datasheet HTML 65Page - STMicroelectronics STM32L443CCT6 Datasheet HTML 66Page - STMicroelectronics STM32L443CCT6 Datasheet HTML 67Page - STMicroelectronics STM32L443CCT6 Datasheet HTML 68Page - STMicroelectronics STM32L443CCT6 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 215 page
background image
DS11421 Rev 4
65/215
STM32L443CC STM32L443RC STM32L443VC
Pinouts and pin description
86
-
-
-
-
-
-
41
L8
PE10
I/O
FT
-
TIM1_CH2N,
TSC_G5_IO1,
QUADSPI_CLK,
SAI1_MCLK_B,
EVENTOUT
-
-
-
-
---
42
M9
PE11
I/O
FT
-
TIM1_CH2, TSC_G5_IO2,
QUADSPI_BK1_NCS,
EVENTOUT
-
-
-
-
-
-
-
43
L9
PE12
I/O
FT
-
TIM1_CH3N, SPI1_NSS,
TSC_G5_IO3,
QUADSPI_BK1_IO0,
EVENTOUT
-
-
-
-
---
44 M10
PE13
I/O
FT
-
TIM1_CH3, SPI1_SCK,
TSC_G5_IO4,
QUADSPI_BK1_IO1,
EVENTOUT
-
-
-
-
---
45 M11
PE14
I/O
FT
-
TIM1_CH4, TIM1_BKIN2,
TIM1_BKIN2_COMP2,
SPI1_MISO,
QUADSPI_BK1_IO2,
EVENTOUT
-
-
-
-
---
46 M12
PE15
I/O
FT
-
TIM1_BKIN,
TIM1_BKIN_COMP1,
SPI1_MOSI,
QUADSPI_BK1_IO3,
EVENTOUT
-
21 21 E3 H4 29 G7 47 L10
PB10
I/O
FT_fl
-
TIM2_CH3, I2C2_SCL,
SPI2_SCK, USART3_TX,
LPUART1_RX,
TSC_SYNC,
QUADSPI_CLK,
LCD_SEG10,
COMP1_OUT,
SAI1_SCK_A, EVENTOUT
-
22 22 F2 H3 30 H7 48
L11
PB11
I/O
FT_fl
-
TIM2_CH4, I2C2_SDA,
USART3_RX,
LPUART1_TX,
QUADSPI_BK1_NCS,
LCD_SEG11,
COMP2_OUT,
EVENTOUT
-
23 23 G2 H2 31 D6 49 F12
VSS
S
-
-
-
-
24 24 G1 H1 32 E6 50 G12
VDD
S
-
-
-
-
Table 14. STM32L443xx pin definitions (continued)
Pin Number
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More