| 전자부품 데이터시트 검색엔진 |
|
STM32L443VCT6 데이터시트(PDF) 70 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L443VCT6 데이터시트(HTML) 70 Page - STMicroelectronics |
|
70 / 215 page ![]() Pinouts and pin description STM32L443CC STM32L443RC STM32L443VC 70/215 DS11421 Rev 4 39 39 A3 A5 55 A5 89 A8 PB3 (JTDO- TRACE SWO) I/O FT_la (3) JTDO-TRACESWO, TIM2_CH2, SPI1_SCK, SPI3_SCK, USART1_RTS_DE, LCD_SEG7, SAI1_SCK_B, EVENTOUT COMP2_INM 40 40 A4 B4 56 A4 90 A7 PB4 (NJTRST) I/O FT_fla (3) NJTRST, I2C3_SDA, SPI1_MISO, SPI3_MISO, USART1_CTS, TSC_G2_IO1, LCD_SEG8, SAI1_MCLK_B, EVENTOUT COMP2_INP 41 41 B4 C4 57 C4 91 C5 PB5 I/O FT_l - LPTIM1_IN1, I2C1_SMBA, SPI1_MOSI, SPI3_MOSI, USART1_CK, TSC_G2_IO2, LCD_SEG9, COMP2_OUT, SAI1_SD_B, TIM16_BKIN, EVENTOUT - 42 42 C4 B5 58 D3 92 B5 PB6 I/O FT_fa - LPTIM1_ETR, I2C1_SCL, USART1_TX, TSC_G2_IO3, SAI1_FS_B, TIM16_CH1N, EVENTOUT COMP2_INP 43 43 D4 A6 59 C3 93 B4 PB7 I/O FT_fla - LPTIM1_IN2, I2C1_SDA, USART1_RX, TSC_G2_IO4, LCD_SEG21, EVENTOUT COMP2_INM, PVD_IN 44 44 A5 C5 60 B4 94 A4 PH3/ BOOT0 I/O FT - EVENTOUT BOOT0 45 45 B5 C6 61 B3 95 A3 PB8 I/O FT_fl - I2C1_SCL, CAN1_RX, LCD_SEG16, SDMMC1_D4, SAI1_MCLK_A, TIM16_CH1, EVENTOUT - 46 46 C5 B6 62 A3 96 B3 PB9 I/O FT_fl - IR_OUT, I2C1_SDA, SPI2_NSS, CAN1_TX, LCD_COM3, SDMMC1_D5, SAI1_FS_A, EVENTOUT - Table 14. STM32L443xx pin definitions (continued) Pin Number Pin functions Alternate functions Additional functions |