| 전자부품 데이터시트 검색엔진 |
|
STM32L443VCT7 데이터시트(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L443VCT7 데이터시트(HTML) 63 Page - STMicroelectronics |
|
63 / 215 page ![]() DS11421 Rev 4 63/215 STM32L443CC STM32L443RC STM32L443VC Pinouts and pin description 86 - - - - - - 20 K1 VREF- S - - - - 88 E7 F8 12 F1 - - VSSA/ VREF- S- - - - - - - - - - 21 L1 VREF+ S - - - VREFBUF_OUT - - - --- 22 M1 VDDA S - - - - 99 F7 G8 13 H1 - - VDDA/ VREF+ S- - - - 10 10 F6 F7 14 G2 23 L2 PA0 I/O FT_a - TIM2_CH1, USART2_CTS, COMP1_OUT, SAI1_EXTCLK, TIM2_ETR, EVENTOUT OPAMP1_VINP, COMP1_INM, ADC1_IN5, RTC_TAMP2/ WKUP1 11 11 G7 G7 15 H2 24 M2 PA1 I/O FT_la - TIM2_CH2, I2C1_SMBA, SPI1_SCK, USART2_RTS_DE, LCD_SEG0, TIM15_CH1N, EVENTOUT OPAMP1_VINM, COMP1_INP, ADC1_IN6 12 12 E5 F6 16 F3 25 K3 PA2 I/O FT_la - TIM2_CH3, USART2_TX, LPUART1_TX, QUADSPI_BK1_NCS, LCD_SEG1, COMP2_OUT, TIM15_CH1, EVENTOUT COMP2_INM, ADC1_IN7, WKUP4/LSCO 13 13 E4 G6 17 G3 26 L3 PA3 I/O TT_la - TIM2_CH4, USART2_RX, LPUART1_RX, QUADSPI_CLK, LCD_SEG2, SAI1_MCLK_A, TIM15_CH2, EVENTOUT OPAMP1_VOUT, COMP2_INP, ADC1_IN8 -- - H8 18 C2 27 E3 VSS S - - - - -- - H7 19 D2 28 H3 VDD S - - - - 14 14 G6 E5 20 H3 29 M3 PA4 I/O TT_a - SPI1_NSS, SPI3_NSS, USART2_CK, SAI1_FS_B, LPTIM2_OUT, EVENTOUT COMP1_INM, COMP2_INM, ADC1_IN9, DAC1_OUT1 15 15 F5 F5 21 F4 30 K4 PA5 I/O TT_a - TIM2_CH1, TIM2_ETR, SPI1_SCK, LPTIM2_ETR, EVENTOUT COMP1_INM, COMP2_INM, ADC1_IN10, DAC1_OUT2 Table 14. STM32L443xx pin definitions (continued) Pin Number Pin functions Alternate functions Additional functions |