전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L443VCT7 데이터시트(PDF) 214 Page - STMicroelectronics

부품명 STM32L443VCT7
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 256KB Flash, 64KB SRAM, USB FS, LCD, analog, audio, AES
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L443VCT7 데이터시트(HTML) 214 Page - STMicroelectronics

Back Button STM32L443VCT7 Datasheet HTML 207Page - STMicroelectronics STM32L443VCT7 Datasheet HTML 208Page - STMicroelectronics STM32L443VCT7 Datasheet HTML 209Page - STMicroelectronics STM32L443VCT7 Datasheet HTML 210Page - STMicroelectronics STM32L443VCT7 Datasheet HTML 211Page - STMicroelectronics STM32L443VCT7 Datasheet HTML 212Page - STMicroelectronics STM32L443VCT7 Datasheet HTML 213Page - STMicroelectronics STM32L443VCT7 Datasheet HTML 214Page - STMicroelectronics STM32L443VCT7 Datasheet HTML 215Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 214 / 215 page
background image
Revision history
STM32L443CC STM32L443RC STM32L443VC
214/215
DS11421 Rev 4
12-Jun-2017
3
(continued)
Updated baudrate in Section 3.27: Universal
synchronous/asynchronous receiver transmitter
(USART).
Updated Section 6.1.7: Current consumption
measurement.
Added footnote to Table 58: I/O current injection
susceptibility.
Updated Table 59: I/O static characteristics.
Updated Section 6.3.18: Analog-to-Digital converter
characteristics.
Added FADC min in Table 65: ADC characteristics.
Updated Table 71: DAC characteristics.
Added Ibias parameter in Table 74: COMP
characteristics.
Updated Section 7: Package information.
22-May-2018
4
Updated DAC terminology in all the document for
clarification: single DAC instance (= DAC1) with 2 output
channels.
Added ECOPACK2® information in Features.
Updated Section 3.9.1: Power supply schemes.
Added Figure 3: Power-up/down sequence.
Updated Clock-out capability in Section 3.11: Clocks
and startup.
Updated Figure 4: Clock tree.
Updated Section 3.14.1: Nested vectored interrupt
controller (NVIC).
Updated Section 6.3.2: Operating conditions at power-
up / power-down.
Updated ACoeff in Table 24: Embedded internal voltage
reference.
Updated Table 59: I/O static characteristics.
Added Section 6.3.16: Extended interrupt and event
controller input (EXTI) characteristics.
Updated Table 71: DAC characteristics.
Table 106. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More