전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L443CCU7 데이터시트(PDF) 66 Page - STMicroelectronics

부품명 STM32L443CCU7
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 256KB Flash, 64KB SRAM, USB FS, LCD, analog, audio, AES
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L443CCU7 데이터시트(HTML) 66 Page - STMicroelectronics

Back Button STM32L443CCU7 Datasheet HTML 62Page - STMicroelectronics STM32L443CCU7 Datasheet HTML 63Page - STMicroelectronics STM32L443CCU7 Datasheet HTML 64Page - STMicroelectronics STM32L443CCU7 Datasheet HTML 65Page - STMicroelectronics STM32L443CCU7 Datasheet HTML 66Page - STMicroelectronics STM32L443CCU7 Datasheet HTML 67Page - STMicroelectronics STM32L443CCU7 Datasheet HTML 68Page - STMicroelectronics STM32L443CCU7 Datasheet HTML 69Page - STMicroelectronics STM32L443CCU7 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 215 page
background image
Pinouts and pin description
STM32L443CC STM32L443RC STM32L443VC
66/215
DS11421 Rev 4
25 25 F1 G3 33 H8 51 L12
PB12
I/O
FT_l
-
TIM1_BKIN,
TIM1_BKIN_COMP2,
I2C2_SMBA, SPI2_NSS,
USART3_CK,
LPUART1_RTS_DE,
TSC_G1_IO1,
LCD_SEG12,
SWPMI1_IO, SAI1_FS_A,
TIM15_BKIN, EVENTOUT
-
26 26 E2 G2 34 G8 52 K12
PB13
I/O
FT_fl
-
TIM1_CH1N, I2C2_SCL,
SPI2_SCK,
USART3_CTS,
LPUART1_CTS,
TSC_G1_IO2,
LCD_SEG13,
SWPMI1_TX,
SAI1_SCK_A,
TIM15_CH1N,
EVENTOUT
-
27 27 E1 G1 35 F8
53 K11
PB14
I/O
FT_fl
-
TIM1_CH2N, I2C2_SDA,
SPI2_MISO,
USART3_RTS_DE,
TSC_G1_IO3,
LCD_SEG14,
SWPMI1_RX,
SAI1_MCLK_A,
TIM15_CH1, EVENTOUT
-
28 28 D3 F2 36 F7
54 K10
PB15
I/O
FT_l
-
RTC_REFIN, TIM1_CH3N,
SPI2_MOSI,
TSC_G1_IO4,
LCD_SEG15,
SWPMI1_SUSPEND,
SAI1_SD_A, TIM15_CH2,
EVENTOUT
-
-
-
-
-
-
-
55
K9
PD8
I/O
FT_l
-
USART3_TX,
LCD_SEG28, EVENTOUT
-
-
-
-
-
-
-
56
K8
PD9
I/O
FT_l
-
USART3_RX,
LCD_SEG29, EVENTOUT
-
-
-
-
-
-
-
57
J12
PD10
I/O
FT_l
-
USART3_CK,
TSC_G6_IO1,
LCD_SEG30, EVENTOUT
-
Table 14. STM32L443xx pin definitions (continued)
Pin Number
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More