| 전자부품 데이터시트 검색엔진 |
|
STM32L443CCI7 데이터시트(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L443CCI7 데이터시트(HTML) 64 Page - STMicroelectronics |
|
64 / 215 page ![]() Pinouts and pin description STM32L443CC STM32L443RC STM32L443VC 64/215 DS11421 Rev 4 16 16 F4 G5 22 G4 31 L4 PA6 I/O FT_la - TIM1_BKIN, SPI1_MISO, USART3_CTS, LPUART1_CTS, QUADSPI_BK1_IO3, LCD_SEG3, COMP1_OUT/TIM1_BKIN _COMP2, TIM16_CH1, EVENTOUT ADC1_IN11 17 17 F3 H6 23 H4 32 M4 PA7 I/O FT_fla - TIM1_CH1N, I2C3_SCL, SPI1_MOSI, QUADSPI_BK1_IO2, LCD_SEG4, COMP2_OUT, EVENTOUT ADC1_IN12 - - - D4 24 H5 33 K5 PC4 I/O FT_la - USART3_TX, LCD_SEG22, EVENTOUT COMP1_INM, ADC1_IN13 - - - E4 25 H6 34 L5 PC5 I/O FT_la - USART3_RX, LCD_SEG23, EVENTOUT COMP1_INP, ADC1_IN14, WKUP5 18 18 G5 F4 26 F5 35 M5 PB0 I/O FT_la - TIM1_CH2N, SPI1_NSS, USART3_CK, QUADSPI_BK1_IO1, LCD_SEG5, COMP1_OUT, SAI1_EXTCLK, EVENTOUT ADC1_IN15 19 19 G4 H5 27 G5 36 M6 PB1 I/O FT_la - TIM1_CH3N, USART3_RTS_DE, LPUART1_RTS_DE, QUADSPI_BK1_IO0, LCD_SEG6, LPTIM2_IN1, EVENTOUT COMP1_INM, ADC1_IN16 20 20 G3 G4 28 G6 37 L6 PB2 I/O FT_a - RTC_OUT, LPTIM1_OUT, I2C3_SMBA, LCD_VLCD, EVENTOUT COMP1_INP - - - --- 38 M7 PE7 I/O FT - TIM1_ETR, SAI1_SD_B, EVENTOUT - - - - - - - 39 L7 PE8 I/O FT - TIM1_CH1N, SAI1_SCK_B, EVENTOUT - - - - --- 40 M8 PE9 I/O FT - TIM1_CH1, SAI1_FS_B, EVENTOUT - Table 14. STM32L443xx pin definitions (continued) Pin Number Pin functions Alternate functions Additional functions |