| 전자부품 데이터시트 검색엔진 |
|
STM32L443VCT3 데이터시트(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L443VCT3 데이터시트(HTML) 66 Page - STMicroelectronics |
|
66 / 215 page ![]() Pinouts and pin description STM32L443CC STM32L443RC STM32L443VC 66/215 DS11421 Rev 4 25 25 F1 G3 33 H8 51 L12 PB12 I/O FT_l - TIM1_BKIN, TIM1_BKIN_COMP2, I2C2_SMBA, SPI2_NSS, USART3_CK, LPUART1_RTS_DE, TSC_G1_IO1, LCD_SEG12, SWPMI1_IO, SAI1_FS_A, TIM15_BKIN, EVENTOUT - 26 26 E2 G2 34 G8 52 K12 PB13 I/O FT_fl - TIM1_CH1N, I2C2_SCL, SPI2_SCK, USART3_CTS, LPUART1_CTS, TSC_G1_IO2, LCD_SEG13, SWPMI1_TX, SAI1_SCK_A, TIM15_CH1N, EVENTOUT - 27 27 E1 G1 35 F8 53 K11 PB14 I/O FT_fl - TIM1_CH2N, I2C2_SDA, SPI2_MISO, USART3_RTS_DE, TSC_G1_IO3, LCD_SEG14, SWPMI1_RX, SAI1_MCLK_A, TIM15_CH1, EVENTOUT - 28 28 D3 F2 36 F7 54 K10 PB15 I/O FT_l - RTC_REFIN, TIM1_CH3N, SPI2_MOSI, TSC_G1_IO4, LCD_SEG15, SWPMI1_SUSPEND, SAI1_SD_A, TIM15_CH2, EVENTOUT - - - - - - - 55 K9 PD8 I/O FT_l - USART3_TX, LCD_SEG28, EVENTOUT - - - - - - - 56 K8 PD9 I/O FT_l - USART3_RX, LCD_SEG29, EVENTOUT - - - - - - - 57 J12 PD10 I/O FT_l - USART3_CK, TSC_G6_IO1, LCD_SEG30, EVENTOUT - Table 14. STM32L443xx pin definitions (continued) Pin Number Pin functions Alternate functions Additional functions |