전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G99DP 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 74LVC1G99DP
상세설명  Ultra-configurable multiple function gate; 3-state
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G99DP 데이터시트(HTML) 5 Page - NXP Semiconductors

  74LVC1G99DP Datasheet HTML 1Page - NXP Semiconductors 74LVC1G99DP Datasheet HTML 2Page - NXP Semiconductors 74LVC1G99DP Datasheet HTML 3Page - NXP Semiconductors 74LVC1G99DP Datasheet HTML 4Page - NXP Semiconductors 74LVC1G99DP Datasheet HTML 5Page - NXP Semiconductors 74LVC1G99DP Datasheet HTML 6Page - NXP Semiconductors 74LVC1G99DP Datasheet HTML 7Page - NXP Semiconductors 74LVC1G99DP Datasheet HTML 8Page - NXP Semiconductors 74LVC1G99DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
74LVC1G99_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 3 January 2008
5 of 26
NXP Semiconductors
74LVC1G99
Ultra-configurable multiple function gate; 3-state
7.1 Logic configurations
7.2 3-state buffer functions available
[1]
H = HIGH voltage level;
L = LOW voltage level.
Table 5.
Function selection table
Primary function
Complementary function
3-state buffer
3-state inverter
3-state 2-input multiplexer
3-state 2-input multiplexer with inverting output
3-state 2-input AND
3-state 2-input NOR with two inverting inputs
3-state 2-input AND with one inverting input
3-state 2-input NOR with one inverting input
3-state 2-input AND with two inverting inputs
3-state 2-input NOR
3-state 2-input NAND
3-state 2-input OR with two inverting inputs
3-state 2-input NAND with one inverting input
3-state 2-input OR with one inverting input
3-state 2-input NAND with two inverting inputs
3-state 2-input OR
3-state 2-input XOR
3-state 2-input XNOR
3-state 2-input XOR with one inverting input
Table 6.
Function table [1]
See Figure 5.
Function
Input
OE
A
B
C
D
3-state buffer
L
input
H or L
L
L
L
H or L
input
H
L
L
L
H
input
L
L
H
L
input
H
L
H
H or L
L
input
L
H or L
L
H
input
LLLH or L
input
Fig 5.
3-state buffer function
001aah326
OE
input
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26