전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP2992IM5-2.5/NOPB.B 데이터시트(PDF) 36 Page - Texas Instruments

부품명 LP2992IM5-2.5/NOPB.B
상세설명  LP2992 Micropower, 250mA, Low-Noise, Ultra-Low-Dropout Regulator in SOT-23 and WSON Packages Designed for Use With Very Low-ESR Output Capacitors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

LP2992IM5-2.5/NOPB.B 데이터시트(HTML) 36 Page - Texas Instruments

Back Button LP2992IM5-2.5/NOPB.B Datasheet HTML 32Page - Texas Instruments LP2992IM5-2.5/NOPB.B Datasheet HTML 33Page - Texas Instruments LP2992IM5-2.5/NOPB.B Datasheet HTML 34Page - Texas Instruments LP2992IM5-2.5/NOPB.B Datasheet HTML 35Page - Texas Instruments LP2992IM5-2.5/NOPB.B Datasheet HTML 36Page - Texas Instruments LP2992IM5-2.5/NOPB.B Datasheet HTML 37Page - Texas Instruments LP2992IM5-2.5/NOPB.B Datasheet HTML 38Page - Texas Instruments LP2992IM5-2.5/NOPB.B Datasheet HTML 39Page - Texas Instruments LP2992IM5-2.5/NOPB.B Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
7-Sep-2025
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LP2992ILD-1.8/NOPB
WSON
NGD
6
1000
177.8
12.4
3.6
3.2
1.0
8.0
12.0
Q1
LP2992ILD-2.5/NOPB
WSON
NGD
6
1000
177.8
12.4
3.6
3.2
1.0
8.0
12.0
Q1
LP2992ILD-3.3/NOPB
WSON
NGD
6
1000
177.8
12.4
3.6
3.2
1.0
8.0
12.0
Q1
LP2992ILD-5.0/NOPB
WSON
NGD
6
1000
180.0
12.4
3.6
3.2
1.0
8.0
12.0
Q1
LP2992ILDX-1.5/NOPB
WSON
NGD
6
4500
330.0
12.4
3.6
3.2
1.0
8.0
12.0
Q1
LP2992ILDX-3.3/NOPB
WSON
NGD
6
4500
330.0
12.4
3.6
3.2
1.0
8.0
12.0
Q1
LP2992ILDX-5.0/NOPB
WSON
NGD
6
4500
330.0
12.4
3.6
3.2
1.0
8.0
12.0
Q1
LP2992IM5-1.5/NOPB
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2992IM5-1.8/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2992IM5-2.5/NOPB
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2992IM5-3.0/NOPB
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2992IM5-3.3/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2992IM5-5.0/NOPB
SOT-23
DBV
5
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2992IM5X-1.5/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2992IM5X-1.8/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2992IM5X-2.5/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2992IM5X-3.3/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2992IM5X-5.0/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43