전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB85RS128B 데이터시트(PDF) 10 Page - RAMXEED LIMITED

부품명 MB85RS128B
상세설명  128K (16 K X 8) Bit SPI
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAMXEED [RAMXEED LIMITED]
홈페이지  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS128B 데이터시트(HTML) 10 Page - RAMXEED LIMITED

Back Button MB85RS128B Datasheet HTML 6Page - RAMXEED LIMITED MB85RS128B Datasheet HTML 7Page - RAMXEED LIMITED MB85RS128B Datasheet HTML 8Page - RAMXEED LIMITED MB85RS128B Datasheet HTML 9Page - RAMXEED LIMITED MB85RS128B Datasheet HTML 10Page - RAMXEED LIMITED MB85RS128B Datasheet HTML 11Page - RAMXEED LIMITED MB85RS128B Datasheet HTML 12Page - RAMXEED LIMITED MB85RS128B Datasheet HTML 13Page - RAMXEED LIMITED MB85RS128B Datasheet HTML 14Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
MB85RS128B
10
DS501-00020-5v1-E
BLOCK PROTECT
Writing protect block for WRITE command is configured by the value of BP0 and BP1 in the status register.
WRITING PROTECT
Writing operation of the WRITE command and the WRSR command are protected with the value of WEL,
WPEN, WP as shown in the table.
HOLD OPERATION
Hold status is retained without aborting a command if HOLD is the “L” level while CS is the “L” level. The
timing for starting and ending hold status depends on the SCK to be the “H” level or the “L” level when a
HOLD pin input is transited to the hold condition as shown in the diagram below. In case the HOLD pin
transited to “L” level when SCK is “L” level, return the HOLD pin to “H” level at SCK being “L” level. In the
same manner, in case the HOLD pin transited to “L” level when SCK is “H” level, return the HOLD pin to “H”
level at SCK being “H” level. Arbitrary command operation is interrupted in hold status, SCK and SI inputs
become don’t care. And, SO becomes High-Z while reading command (RDSR, READ) . If CS is rising during
hold status, a command is aborted. In case the command is aborted before its recognition, WEL holds the
value before transition to hold status.
BP1
BP0
Protected Block
0
0
None
0
1
3000H to 3FFFH (upper 1/4)
1
0
2000H to 3FFFH (upper 1/2)
1
1
0000H to 3FFFH (all)
WEL
WPEN
WP
Protected Blocks
Unprotected Blocks
Status Register
0
X
X
Protected
Protected
Protected
1
0
X
Protected
Unprotected
Unprotected
1
1
0
Protected
Unprotected
Protected
1
1
1
Protected
Unprotected
Unprotected
SCK
CS
Hold Condition
HOLD
Hold Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com