전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB85RS128TY 데이터시트(PDF) 5 Page - RAMXEED LIMITED

부품명 MB85RS128TY
상세설명  128K (16K X 8) Bit SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAMXEED [RAMXEED LIMITED]
홈페이지  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS128TY 데이터시트(HTML) 5 Page - RAMXEED LIMITED

  MB85RS128TY Datasheet HTML 1Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 2Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 3Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 4Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 5Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 6Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 7Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 8Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
MB85RS128TY(AEC-Q100 Compliant)
DS501-00048-7v0-E
5
STATUS REGISTER
OP-CODE
MB85RS128TY accepts 8 kinds of command specified in op-code. Op-code is a code composed of 8 bits
shown in the table below. Do not input invalid codes other than those codes. If CS is risen while inputting
op-code, the command are not performed.
Bit No.
Bit Name
Function
7
WPEN
Status Register Write Protect
This is a bit composed of nonvolatile memories (FeRAM). WPEN protects
writing to a status register (refer to “ WRITING PROTECT”) relating with
WP input. Writing with the WRSR command and reading with the RDSR
command are possible.
6 to 4
Not Used Bits
These are bits composed of nonvolatile memories, writing with the WRSR
command is possible. These bits are not used but they are read with the
RDSR command.
3
BP1
Block Protect
This is a bit composed of nonvolatile memory. This defines size of write
protect block for the WRITE command (refer to “ BLOCK PROTECT”).
Writing with the WRSR command and reading with the RDSR command
are possible.
2
BP0
1
WEL
Write Enable Latch
This indicates FeRAM Array and status register are writable. The WREN
command is for setting, and the WRDI command is for resetting. With the
RDSR command, reading is possible but writing is not possible with the
WRSR command. WEL is reset after the following operations.
After power ON.
After WRDI command recognition.
After return from SLEEP mode.
Achieving continuous writing mode, WEL is not reset after following oper-
ations making it possible to execute writing commands continuously.
After WRSR command recognition.
After WRITE command recognition.
0
0
This is a bit fixed to “0”.
Name
Description
Op-code
WREN
Set Write Enable Latch
0000 0110B
WRDI
Reset Write Enable Latch
0000 0100B
RDSR
Read Status Register
0000 0101B
WRSR
Write Status Register
0000 0001B
READ
Read Memory Code
0000 0011B
WRITE
Write Memory Code
0000 0010B
RDID
Read Device ID
1001 1111B
SLEEP
Sleep Mode
1011 1001B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com