전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADCS-E02R7SA657 데이터시트(PDF) 4 Page - Abracon Corporation

부품명 ADCS-E02R7SA657
상세설명  High Capacitance Supercapacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABRACON [Abracon Corporation]
홈페이지  https://abracon.com
Logo ABRACON - Abracon Corporation

ADCS-E02R7SA657 데이터시트(HTML) 4 Page - Abracon Corporation

  ADCS-E02R7SA657 Datasheet HTML 1Page - Abracon Corporation ADCS-E02R7SA657 Datasheet HTML 2Page - Abracon Corporation ADCS-E02R7SA657 Datasheet HTML 3Page - Abracon Corporation ADCS-E02R7SA657 Datasheet HTML 4Page - Abracon Corporation ADCS-E02R7SA657 Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
High Capacitance Supercapacitors
ADCS-E02R7S
Various Sizes
RoHS/RoHS II Compliant
MSL Level = N/A
Request Samples
Check Inventory
REVISION Initial Release :
3/7/2025
5101 Hidden Creek Ln, Spicewood TX 78669
Phone: 512-371-6159 Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
Zone
Description
Temperature
Times
1
Preheat
TSMIN ~ TSMAX
25°C ~ 130°C
80 sec. MAX
Preheat Rate
TPREHEAT
+4ºC/Sec MAX
2
Wave Temperature
Tw
245°C ~ 260°C
10 sec. MAX
Dual wave
Wave Peak
Temperature
TP
260°C
5 sec. MAX/wave
3
Cooling Rate
TCOOLING
-5ºC/Sec MAX
Wave Profile



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com