전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M41TC8025AMC6F 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 M41TC8025AMC6F
상세설명  Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41TC8025AMC6F 데이터시트(HTML) 3 Page - STMicroelectronics

  M41TC8025AMC6F Datasheet HTML 1Page - STMicroelectronics M41TC8025AMC6F Datasheet HTML 2Page - STMicroelectronics M41TC8025AMC6F Datasheet HTML 3Page - STMicroelectronics M41TC8025AMC6F Datasheet HTML 4Page - STMicroelectronics M41TC8025AMC6F Datasheet HTML 5Page - STMicroelectronics M41TC8025AMC6F Datasheet HTML 6Page - STMicroelectronics M41TC8025AMC6F Datasheet HTML 7Page - STMicroelectronics M41TC8025AMC6F Datasheet HTML 8Page - STMicroelectronics M41TC8025AMC6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
DocID022873 Rev 4
3/41
M41TC8025
Contents
2.7.1
Related registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
2.7.2
Starting the time update interrupt . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
2.7.3
Stopping the time update interrupt . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
2.7.4
Example operation of the time update interrupt . . . . . . . . . . . . . . . . . . . 24
2.8
Alarm interrupt function . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
2.8.1
Related registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
2.8.2
Alarm interrupt example . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
2.8.3
Example operation of the alarm interrupt . . . . . . . . . . . . . . . . . . . . . . . . 27
2.9
Relationship between the three interrupts . . . . . . . . . . . . . . . . . . . . . . . . 28
2.10
Low-voltage detection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
2.11
Application . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
2.11.1
Battery backup and recovery . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
2.11.2
Application flowcharts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
3
Maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
4
DC and AC parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
5
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
6
Part numbering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
7
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41