전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M74HC280 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 M74HC280
상세설명  9-bit parity generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC280 데이터시트(HTML) 3 Page - STMicroelectronics

  M74HC280_V01 Datasheet HTML 1Page - STMicroelectronics M74HC280_V01 Datasheet HTML 2Page - STMicroelectronics M74HC280_V01 Datasheet HTML 3Page - STMicroelectronics M74HC280_V01 Datasheet HTML 4Page - STMicroelectronics M74HC280_V01 Datasheet HTML 5Page - STMicroelectronics M74HC280_V01 Datasheet HTML 6Page - STMicroelectronics M74HC280_V01 Datasheet HTML 7Page - STMicroelectronics M74HC280_V01 Datasheet HTML 8Page - STMicroelectronics M74HC280_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DocID1938 Rev 2
3/14
M74HC280
Pin information
14
1
Pin information
Figure 1. Pin connection and IED logic symbols
Table 2. Pin description
Pin no
Symbol
Name and function
5, 6
ΣEVEN, ΣODD
Parity outputs
8, 9, 10, 11, 12, 13, 1, 2, 4
A to I
Data inputs
3
NC
No connection
7
GND
Ground (0 V)
14
VCC
Positive supply voltage
GAMS0601141445CB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14