전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP3947 데이터시트(PDF) 11 Page - Texas Instruments

부품명 LP3947
상세설명  LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

LP3947 데이터시트(HTML) 11 Page - Texas Instruments

Back Button LP3947 Datasheet HTML 7Page - Texas Instruments LP3947 Datasheet HTML 8Page - Texas Instruments LP3947 Datasheet HTML 9Page - Texas Instruments LP3947 Datasheet HTML 10Page - Texas Instruments LP3947 Datasheet HTML 11Page - Texas Instruments LP3947 Datasheet HTML 12Page - Texas Instruments LP3947 Datasheet HTML 13Page - Texas Instruments LP3947 Datasheet HTML 14Page - Texas Instruments LP3947 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
0
0
Time
Time
0
0
4.1V
0
0
0
4.1V
0
VCHG-IN
VCHG-IN
VCHG-IN
VCHG-IN
Load < 50 mA
Load > 50 mA
0
0
Time
Time
0
0
4.1V
3.0V
0
VCHG-IN
0
VCHG-IN
0
3.0V
0
VCHG-IN
VCHG-IN
LP3947
www.ti.com
SNVS298B – NOVEMBER 2004 – REVISED APRIL 2013
Figure 6. Power Up Timing Diagram in Charger Mode (1.39V < Ts < 2.427V)
Figure 7. Power Up Timing Diagram in LDO Mode (Ts
≥ 2.7V)
MODE PIN
The mode pin toggles the LP3947 between the AC adaptor mode and the USB mode. When CHG-IN is
connected to a USB port, this pin must be set low. When CHG-IN is connected to an AC adaptor, this pin must
be tied high to either the BATT pin or to the wall adaptor input. Caution: MODE pin should never be tied to CHG-
IN pin directly, as it will turn on an internal diode.
5.6 HR SAFETY TIMER IN CHARGER MODE
The LP3947 has a built-in 5.6 hr back up safety timer to prevent over-charging a Li Ion battery. The 5.6 hr timer
starts counting when the charger enters the constant current mode. It will turn the charger off when the 5.6 hr
timer is up while the charger is still in constant current mode. In this case, both LEDs will turn on, indicating a
fault condition.
When the battery temperature is outside the specified temperature range, the 5.6 hr safety timer will reset upon
recovery of the battery temperature.
I
2C INTERFACE
I2C interface is used in the LP3947 to program various parameters as shown in Table 5. The LP3947 operates
on default settings following power up. Once programmed, the LP3947 retains the register data as long as the
battery voltage is above 2.85V.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP3947



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com