전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F031C4P7TR 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 STM32F031C4P7TR
상세설명  ARM®-based 32-bit MCU with up to 32 Kbyte Flash, 9 timers, ADC and communication interfaces, 2.0 - 3.6 V
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F031C4P7TR 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button STM32F031C4P7TR Datasheet HTML 4Page - STMicroelectronics STM32F031C4P7TR Datasheet HTML 5Page - STMicroelectronics STM32F031C4P7TR Datasheet HTML 6Page - STMicroelectronics STM32F031C4P7TR Datasheet HTML 7Page - STMicroelectronics STM32F031C4P7TR Datasheet HTML 8Page - STMicroelectronics STM32F031C4P7TR Datasheet HTML 9Page - STMicroelectronics STM32F031C4P7TR Datasheet HTML 10Page - STMicroelectronics STM32F031C4P7TR Datasheet HTML 11Page - STMicroelectronics STM32F031C4P7TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 106 page
background image
Introduction
STM32F031x4 STM32F031x6
8/106
DocID025743 Rev 6
1
Introduction
This datasheet provides the ordering information and mechanical device characteristics of
the STM32F031x4/x6 microcontrollers.
This document should be read in conjunction with the STM32F0xxxx reference manual
(RM0091). The reference manual is available from the STMicroelectronics website
www.st.com.
For information on the ARM® Cortex®-M0 core, please refer to the Cortex®-M0 Technical
Reference Manual, available from the www.arm.com website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More