| 전자부품 데이터시트 검색엔진 |
|
STM32F031C4T6 데이터시트(PDF) 76 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F031C4T6 데이터시트(HTML) 76 Page - STMicroelectronics |
|
76 / 106 page ![]() Electrical characteristics STM32F031x4 STM32F031x6 76/106 DocID025743 Rev 6 SPI/I2S characteristics Unless otherwise specified, the parameters given in Table 59 for SPI or in Table 60 for I2S are derived from tests performed under the ambient temperature, fPCLKx frequency and supply voltage conditions summarized in Table 18: General operating conditions. Refer to Section 6.3.14: I/O port characteristics for more details on the input/output alternate function characteristics (NSS, SCK, MOSI, MISO for SPI and WS, CK, SD for I2S). Table 58. I2C analog filter characteristics(1) 1. Guaranteed by design, not tested in production. Symbol Parameter Min Max Unit tAF Maximum width of spikes that are suppressed by the analog filter 50(2) 2. Spikes with widths below tAF(min) are filtered. 260(3) 3. Spikes with widths above tAF(max) are not filtered ns Table 59. SPI characteristics(1) Symbol Parameter Conditions Min Max Unit fSCK 1/tc(SCK) SPI clock frequency Master mode - 18 MHz Slave mode - 18 tr(SCK) tf(SCK) SPI clock rise and fall time Capacitive load: C = 15 pF - 6 ns tsu(NSS) NSS setup time Slave mode 4Tpclk - ns th(NSS) NSS hold time Slave mode 2Tpclk + 10 - tw(SCKH) tw(SCKL) SCK high and low time Master mode, fPCLK = 36 MHz, presc = 4 Tpclk/2 -2 Tpclk/2 + 1 tsu(MI) tsu(SI) Data input setup time Master mode 4 - Slave mode 5 - th(MI) Data input hold time Master mode 4 - th(SI) Slave mode 5 - ta(SO)(2) Data output access time Slave mode, fPCLK = 20 MHz 0 3Tpclk tdis(SO)(3) Data output disable time Slave mode 0 18 tv(SO) Data output valid time Slave mode (after enable edge) - 22.5 tv(MO) Data output valid time Master mode (after enable edge) - 6 th(SO) Data output hold time Slave mode (after enable edge) 11.5 - th(MO) Master mode (after enable edge) 2 - DuCy(SCK) SPI slave input clock duty cycle Slave mode 25 75 % 1. Data based on characterization results, not tested in production. 2. Min time is for the minimum time to drive the output and the max time is for the maximum time to validate the data. 3. Min time is for the minimum time to invalidate the output and the max time is for the maximum time to put the data in Hi-Z |