전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS10H100SFY 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 STPS10H100SFY
상세설명  Automotive 100 V, 10 A low Ir power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10H100SFY 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button STPS10H100SFY Datasheet HTML 2Page - STMicroelectronics STPS10H100SFY Datasheet HTML 3Page - STMicroelectronics STPS10H100SFY Datasheet HTML 4Page - STMicroelectronics STPS10H100SFY Datasheet HTML 5Page - STMicroelectronics STPS10H100SFY Datasheet HTML 6Page - STMicroelectronics STPS10H100SFY Datasheet HTML 7Page - STMicroelectronics STPS10H100SFY Datasheet HTML 8Page - STMicroelectronics STPS10H100SFY Datasheet HTML 9Page - STMicroelectronics STPS10H100SFY Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Table 4. PSMC (TO-277A) package mechanical data
Ref.
Dimensions
Millimeters
Inches (for reference only)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.00
1.10
1.20
0.039
0.043
0.047
b
1.05
1.20
1.35
0.041
0.047
0.053
b2
1.90
2.05
2.20
0.075
0.081
0.087
b4
0.75
0.029
C
0.15
0.23
0.40
0.006
0.009
0.016
D
4.45
4.60
4.75
0.175
0.181
0.187
D1
4.25
4.40
4.45
0.167
0.173
0.175
D2
3.40
3.60
3.70
0.134
0.142
0.146
E
6.35
6.50
6.65
0.250
0.256
0.262
E1
6.05
6.10
6.15
0.238
0.240
0.242
E2
4.50
4.60
4.70
0.177
0.181
0.185
E3
3.94
1.55
e
2.13
0.084
e1
3.33
0.131
G
1.20
0.047
G1
0.70
0.027
L
0.90
1.05
1.24
0.035
0.041
0.049
L4
0.02
0.0008
L5
0.02
0.0008
Figure 9. PSMC (TO-277A) package footprint in mm (in inches)
STPS10H100SFY
PSMC (TO-277A) package information
DS12906 - Rev 1
page 6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11