전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESM1602B 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 ESM1602B
상세설명  QUAD COMPARATOR INTERFACE CIRCUIT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESM1602B 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button ESM1602B Datasheet HTML 3Page - STMicroelectronics ESM1602B Datasheet HTML 4Page - STMicroelectronics ESM1602B Datasheet HTML 5Page - STMicroelectronics ESM1602B Datasheet HTML 6Page - STMicroelectronics ESM1602B Datasheet HTML 7Page - STMicroelectronics ESM1602B Datasheet HTML 8Page - STMicroelectronics ESM1602B Datasheet HTML 9Page - STMicroelectronics ESM1602B Datasheet HTML 10Page - STMicroelectronics ESM1602B Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DIP14 PACKAGE MECHANICAL DATA
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
a1
0.51
0.020
B
1.39
1.65
0.055
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
15.24
0.600
F
7.1
0.280
i
5.1
0.201
L
3.3
0.130
Z
1.27
2.54
0.050
0.100
ESM1602B
9/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11