전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6364/B1DA-AHKA/MS 데이터시트(PDF) 7 Page - Everlight Electronics Co., Ltd

부품명 6364/B1DA-AHKA/MS
상세설명  This precision optical performance oval LED is specifically designed for passenger information signs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EVERLIGHT [Everlight Electronics Co., Ltd]
홈페이지  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

6364/B1DA-AHKA/MS 데이터시트(HTML) 7 Page - Everlight Electronics Co., Ltd

  6364/B1DA-AHKA/MS Datasheet HTML 1Page - Everlight Electronics Co., Ltd 6364/B1DA-AHKA/MS Datasheet HTML 2Page - Everlight Electronics Co., Ltd 6364/B1DA-AHKA/MS Datasheet HTML 3Page - Everlight Electronics Co., Ltd 6364/B1DA-AHKA/MS Datasheet HTML 4Page - Everlight Electronics Co., Ltd 6364/B1DA-AHKA/MS Datasheet HTML 5Page - Everlight Electronics Co., Ltd 6364/B1DA-AHKA/MS Datasheet HTML 6Page - Everlight Electronics Co., Ltd 6364/B1DA-AHKA/MS Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Technical Data Sheet
6364/B1DA-AHKA/X/MS
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev 2
Page: 7 of 7
Device Number : DLE-636-026
Prepared date: 11-01-2005
Prepared by: Grace Shen
6. Soldering Condition
Careful attention should be paid during soldering. When soldering, leave more then 3mm
from solder joint to case, and soldering beyond the base of the tie bar is recommended.
Avoiding applying any stress to the lead frame while the LEDs are at high temperature
particularly when soldering.
Recommended soldering conditions:
Hand Soldering
DIP Soldering
Temp. at tip of iron
400
Max.
℃
(30W
Max.)
Preheat temp.
100
Max.
℃
(60 sec Max.)
Soldering time
3 sec Max.
Bath temp.
265 Max.
Distance
3mm Min.(From solder
joint to case)
Bath time.
5 sec Max.
Distance
3mm Min.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http:\\www.everlight.com



Html Pages

1 2 3 4 5 6 7