| 전자부품 데이터시트 검색엔진 |
|
MSP430F412IPM 데이터시트(PDF) 53 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP430F412IPM 데이터시트(HTML) 53 Page - Texas Instruments |
|
53 / 66 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) MSP430F412IPM Active Production LQFP (PM) | 64 160 | JEDEC TRAY (10+1) Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F412 REV # MSP430F412IPM.B Active Production LQFP (PM) | 64 160 | JEDEC TRAY (10+1) Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F412 REV # MSP430F412IPMR Active Production LQFP (PM) | 64 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F412 REV # MSP430F412IPMR.B Active Production LQFP (PM) | 64 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F412 REV # MSP430F412IRTDR Active Production VQFN (RTD) | 64 2500 | LARGE T&R Yes SN Level-3-260C-168 HR -40 to 85 M430F412 MSP430F412IRTDR.B Active Production VQFN (RTD) | 64 2500 | LARGE T&R Yes SN Level-3-260C-168 HR -40 to 85 M430F412 MSP430F412IRTDT Active Production VQFN (RTD) | 64 250 | SMALL T&R Yes SN Level-3-260C-168 HR -40 to 85 M430F412 MSP430F412IRTDT.B Active Production VQFN (RTD) | 64 250 | SMALL T&R Yes SN Level-3-260C-168 HR -40 to 85 M430F412 MSP430F413IPM Active Production LQFP (PM) | 64 160 | JEDEC TRAY (10+1) Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F413 REV # MSP430F413IPM.B Active Production LQFP (PM) | 64 160 | JEDEC TRAY (10+1) Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F413 REV # MSP430F413IPMR Active Production LQFP (PM) | 64 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F413 REV # MSP430F413IPMR.B Active Production LQFP (PM) | 64 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F413 REV # MSP430F413IRTDR Active Production VQFN (RTD) | 64 2500 | LARGE T&R Yes SN Level-3-260C-168 HR -40 to 85 M430F413 MSP430F413IRTDR.B Active Production VQFN (RTD) | 64 2500 | LARGE T&R Yes SN Level-3-260C-168 HR -40 to 85 M430F413 MSP430F413IRTDT Active Production VQFN (RTD) | 64 250 | SMALL T&R Yes SN Level-3-260C-168 HR -40 to 85 M430F413 MSP430F413IRTDT.B Active Production VQFN (RTD) | 64 250 | SMALL T&R Yes SN Level-3-260C-168 HR -40 to 85 M430F413 MSP430F415IPM Active Production LQFP (PM) | 64 160 | JEDEC TRAY (10+1) Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F415 MSP430F415IPM.B Active Production LQFP (PM) | 64 160 | JEDEC TRAY (10+1) Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F415 MSP430F415IPMR Active Production LQFP (PM) | 64 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F415 MSP430F415IPMR.B Active Production LQFP (PM) | 64 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F415 MSP430F415IPMRG4 Active Production LQFP (PM) | 64 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F415 MSP430F415IPMRG4.B Active Production LQFP (PM) | 64 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F415 Addendum-Page 1 |