전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPAX132 데이터시트(PDF) 12 Page - Texas Instruments

부품명 OPAX132
상세설명  OPAx132 High-Speed FET-Input Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX132 데이터시트(HTML) 12 Page - Texas Instruments

Back Button OPAX132 Datasheet HTML 8Page - Texas Instruments OPAX132 Datasheet HTML 9Page - Texas Instruments OPAX132 Datasheet HTML 10Page - Texas Instruments OPAX132 Datasheet HTML 11Page - Texas Instruments OPAX132 Datasheet HTML 12Page - Texas Instruments OPAX132 Datasheet HTML 13Page - Texas Instruments OPAX132 Datasheet HTML 14Page - Texas Instruments OPAX132 Datasheet HTML 15Page - Texas Instruments OPAX132 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
The OPAx132 series operational amplifiers are unity-gain stable and an excellent choice for a wide range of
general-purpose applications. Bypass power-supply pins with 10nF ceramic capacitors or larger.
The OPAx132 series operational amplifiers are free from unexpected output phase reversal common with FET
operational amplifiers. Many FET-input operational amplifiers exhibit phase-reversal of the output when the input
common-mode voltage range is exceeded. This phase reversal can occur in voltage-follower circuits, causing
serious problems in control-loop applications. The OPAx132 series of operational amplifiers are free from this
undesirable behavior. All circuitry is completely independent in dual and quad versions, maintaining normal
behavior when one amplifier in a package is overdriven or short-circuited.
7.1.1 Operating Voltage
The OPAx132 series of operation amplifiers operate with power supplies from ±2.5V to ±18V with excellent
performance. Although specifications are production tested with ±15V supplies, most behavior remains
unchanged throughout the full operating voltage range. Parameters which vary significantly with operating
voltage are shown in Section 5.8 .
7.1.2 Offset Voltage Trim
The offset voltage of the OPAx132 amplifiers is laser trimmed and usually requires no user adjustment. The
OPAx132 provide less than ±500µV of input offset voltage and less than 10µV/°C of input offset voltage drift over
the operating temperature range
7.1.3 Input Bias Current
The FET-inputs of the OPAx132 series provide very low input bias current and cause negligible errors in most
applications. For applications where low input bias current is crucial, minimize junction temperature rise. The
input bias current of FET-input operational amplifiers increases with temperature; see also Figure 5-5.
The OPAx132 series can be operated at reduced power supply voltage to minimize power dissipation and
temperature rise. Using ±3V supplies reduces power dissipation to one-fifth used at ±15V.
The dual and quad versions have higher total power dissipation than the single version, leading to higher
junction temperature. Thus, a warmed-up quad has higher input bias current than a warmed-up single.
Furthermore, an SOIC generally has higher junction temperature than a DIP at the same ambient temperature
because of a larger θJA.
Printed-circuit-board (PCB) layout also helps minimize junction temperature rise. Minimize temperature rise by
soldering the devices to the PCB rather than using a socket. Wide copper traces also help dissipate the heat by
acting as an additional heat sink.
Input stage cascode circuitry keeps the input bias current virtually unchanged throughout the full input common-
mode range of the OPAx132 series. See also Figure 5-6.
OPA132, OPA2132, OPA4132
SBOS054C – JANUARY 1995 – REVISED AUGUST 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA132 OPA2132 OPA4132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com