전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPAX171 데이터시트(PDF) 5 Page - Texas Instruments

부품명 OPAX171
상세설명  OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX171 데이터시트(HTML) 5 Page - Texas Instruments

  OPAX171 Datasheet HTML 1Page - Texas Instruments OPAX171 Datasheet HTML 2Page - Texas Instruments OPAX171 Datasheet HTML 3Page - Texas Instruments OPAX171 Datasheet HTML 4Page - Texas Instruments OPAX171 Datasheet HTML 5Page - Texas Instruments OPAX171 Datasheet HTML 6Page - Texas Instruments OPAX171 Datasheet HTML 7Page - Texas Instruments OPAX171 Datasheet HTML 8Page - Texas Instruments OPAX171 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
1
2
3
5
4
V+
-
IN
OUT
V
-
+IN
1
2
3
4
8
7
6
5
NC
(1)
V+
OUT
NC
(1)
NC
(1)
-IN
+IN
V-
1
2
3
5
4
V+
OUT
+IN
V
-
-
IN
5
OPA172, OPA2172, OPA4172
www.ti.com
SBOS618I – DECEMBER 2013 – REVISED MAY 2018
Product Folder Links: OPA172 OPA2172 OPA4172
Submit Documentation Feedback
Copyright © 2013–2018, Texas Instruments Incorporated
6 Pin Configuration and Functions
DCK Package: OPA172
SC70-5
Top View
DBV Package: OPA172
SOT-23-5
Top View
D Package: OPA172
SOIC-8
Top View
(1)
No internal connection.
Pin Functions: OPA172
PIN
I/O
DESCRIPTION
NAME
OPA172
D (SOIC)
DBV (SOT)
DCK (SC70)
+IN
3
3
1
I
Noninverting input
–IN
2
4
3
I
Inverting input
NC
1, 5, 8
—
—
—
No internal connection
OUT
6
1
4
O
Output
V+
7
5
5
—
Positive (highest) power supply
V–
4
2
2
—
Negative (lowest) power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com