전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESDA6V1SC6 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 ESDA6V1SC6
상세설명  QUAD TRANSIL ARRAY FOR ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1SC6 데이터시트(HTML) 5 Page - STMicroelectronics

  ESDA6V1SC6 Datasheet HTML 1Page - STMicroelectronics ESDA6V1SC6 Datasheet HTML 2Page - STMicroelectronics ESDA6V1SC6 Datasheet HTML 3Page - STMicroelectronics ESDA6V1SC6 Datasheet HTML 4Page - STMicroelectronics ESDA6V1SC6 Datasheet HTML 5Page - STMicroelectronics ESDA6V1SC6 Datasheet HTML 6Page - STMicroelectronics ESDA6V1SC6 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ESDAxxSC5 / ESDAxxSC6
5/7
Electrostatic discharge (ESD) is a major cause of
failure in electronic systems.
Transient Voltage Suppressors (TVS) are an ideal
choice for ESD protection. They are capable of
clamping the incoming transient overvoltage to a
low enough level such that damage to the
protected semiconductor is prevented.
Surface mount TVS arrays offer the best choice for
minimal lead inductance.
They serve as parallel protection elements,
connected between the signal line and ground. As
the transient rises above the operating voltage of
the device, the TVS array becomes a low
impedance path diverting the transient current to
ground.
ESD protection by ESDAXXXSCX
ESD
sensitive
device
GND
ESDA6V1SC6 (1connection to GND for ESDAxxSC5)
I/ O LINES
The ESDAxxSCx array is the ideal board level
protection
of
ESD
sensitive
semiconductor
components.
The tiny SOT23-5L and SOT23-6L packages allow
design flexibility in the high density boards where
the space saving is at a premium. This enables to
shorten the routing and contributes to hardening
against ESD.
ADVICE FOR OPTIMIZING CIRCUIT BOARD
LAYOUT
Circuit board layout is a critical design step in the
suppression of ESD induced transients. The
following guidelines are recommended :
n
The ESDAxxSC5/6 should be placed as close as
possible to the input terminals or connectors.
n
The path length between the ESD suppressor
and the protected line should be minimized
n
All conductive loops, including power and
ground loops should be minimized
n
The ESD transient return path to ground should
be kept as short as possible.
n
Ground planes should be used whenever possi-
ble.



Html Pages

1 2 3 4 5 6 7