전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS20SM100SR 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 STPS20SM100SR
상세설명  100 V power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20SM100SR 데이터시트(HTML) 2 Page - STMicroelectronics

  STPS20SM100SR Datasheet HTML 1Page - STMicroelectronics STPS20SM100SR Datasheet HTML 2Page - STMicroelectronics STPS20SM100SR Datasheet HTML 3Page - STMicroelectronics STPS20SM100SR Datasheet HTML 4Page - STMicroelectronics STPS20SM100SR Datasheet HTML 5Page - STMicroelectronics STPS20SM100SR Datasheet HTML 6Page - STMicroelectronics STPS20SM100SR Datasheet HTML 7Page - STMicroelectronics STPS20SM100SR Datasheet HTML 8Page - STMicroelectronics STPS20SM100SR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1
Characteristics
Table 1. Absolute ratings (limiting values, with terminals 1 and 3 short circuited, at 25 °C, unless
otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
100
V
IF(RMS)
Forward rms current
30
A
IF(AV)
Average forward current δ = 0.5, square wave
TC = 125 °C
20
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
350
A
PARM
Repetitive peak avalanche power
tp = 10 µs, Tj = 125 °C
1080
W
Tstg
Storage temperature range
-65 to +150
°C
Tj
Maximum operating junction temperature (1)
150
°C
1. (dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink.
Table 2. Thermal resistance parameter
Symbol
Parameter
Max. value
Unit
Rth(j-c)
Junction to case
1.3
°C/W
For more information, please refer to the following application note:
•
AN5088: Rectifiers thermal management, handling and mounting recommendations
Table 3. Static electrical characteristics (with terminals 1 and 3 short circuited)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR (1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
10
30
µA
Tj = 125 °C
-
10
30
mA
Tj = 25 °C
VR = 70 V
-
5
µA
Tj = 125 °C
-
5
mA
VF (2)
Forward voltage drop
Tj = 25 °C
IF = 5 A
-
565
mV
Tj = 125 °C
-
480
Tj = 25 °C
IF = 10 A
-
685
Tj = 125 °C
-
560
620
Tj = 25 °C
IF = 20 A
-
800
900
Tj = 125 °C
-
630
700
1. Pulse test: tp = 5 ms, δ < 2%
2. Pulse test: tp = 380 µs, δ < 2%
To evaluate the conduction losses, use the following equation:
P = 0.6 x IF(AV) + 0.005 x IF 2 (RMS)
For more information, please refer to the following application notes related to the power losses:
•
AN604: Calculation of conduction losses in a power rectifier
STPS20SM100S
Characteristics
DS6172 - Rev 4
page 2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com