| 전자부품 데이터시트 검색엔진 |
|
PCM5121PW 데이터시트(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCM5121PW 데이터시트(HTML) 20 Page - Texas Instruments |
|
20 / 121 page ![]() 20 PCM5121, PCM5122 SLAS763C – AUGUST 2012 – REVISED OCTOBER 2018 www.ti.com Product Folder Links: PCM5121 PCM5122 Submit Documentation Feedback Copyright © 2012–2018, Texas Instruments Incorporated 8.3.4 Audio Processing 8.3.4.1 PCM512x Audio Processing 8.3.4.1.1 Overview The PCM512x supports a fixed audio processing flow with programmable coefficients. (Program 5 - Fixed Audio Processing Flow (Program 5) of this data sheet). Details can be found below. NOTE At higher sampling frequencies, fewer instruction cycles are available. (For example, 512 instructions can be done in a 96-kHz frame.) The audio processing chain can run up to 1024 instructions on every audio sample at a 48-kHz sample rate. 8.3.4.1.2 Software Software development for the PCM512x is supported through TI's comprehensive PurePath Studio Development Environment; a powerful, easy-to-use tool designed specifically to simplify software development on the PCM512x audio platform. The Graphical Development Environment consists of a library of common audio functions that can be dragged-and-dropped into an audio signal flow and graphically connected together. The DSP code can then be assembled from the graphical signal flow with the click of a mouse. Please visit the PCM512x product folder on www.ti.com to learn more about PurePath Studio and the latest status on available, ready-to-use DSP algorithms. |