전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L99MC6 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 L99MC6
상세설명  Configurable 6-channel device
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MC6 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button L99MC6_V01 Datasheet HTML 5Page - STMicroelectronics L99MC6_V01 Datasheet HTML 6Page - STMicroelectronics L99MC6_V01 Datasheet HTML 7Page - STMicroelectronics L99MC6_V01 Datasheet HTML 8Page - STMicroelectronics L99MC6_V01 Datasheet HTML 9Page - STMicroelectronics L99MC6_V01 Datasheet HTML 10Page - STMicroelectronics L99MC6_V01 Datasheet HTML 11Page - STMicroelectronics L99MC6_V01 Datasheet HTML 12Page - STMicroelectronics L99MC6_V01 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
L99MC6
Introduction
Doc ID 16523 Rev 2
9/32
1.2
Block diagram and pin description
Figure 2.
Block diagram
0
DI
CSN
SCK
DO
VCC
VCC
IN/PWM
OL
VOLD 1
OL
=1
OL
OL
OL
OL
SPI
GND
DRN1
SRC1
DRN2
SRC2
DRN3
SRC3
DRN4
DRN5
DRN6
VOLD 2
VOLD 3
VOLD 4
VOLD 5
VOLD 6
VOLS 1
VOLS2
VOLS 3
Open Load Drain [Out1]
Open Load Source [Out1]
Short Circuit [Out1]
ON/OFF [Out1]
Open Load Drain [Out2]
Open Load Source [Out2]
Short Circuit [Out2]
ON/OFF [Out2]
Open Load Drain [Out3]
Open Load Source [Out3]
Short Circuit [Out3]
ON/OFF [Out3]
Open Load Drain [Out4]
Short Circuit [Out4]
ON/OFF [Out4]
Open Load Drain [Out5]
Short Circuit [Out5]
ON/OFF [Out5]
Open Load Drain [Out6]
Short Circuit [Out6]
ON/OFF [Out6]
CONTROL LOGIC
Charge
Pump
VCP
VCC
VCC
VCC
VDrive1-3
VDrive1-3
VDrive1-3
VDrive1-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55