| 전자부품 데이터시트 검색엔진 |
|
IS66WVR4M8BLL-R104TLA2 데이터시트(PDF) 9 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
IS66WVR4M8BLL-R104TLA2 데이터시트(HTML) 9 Page - Integrated Silicon Solution, Inc |
|
9 / 34 page ![]() IS66/67WVR4M8ALL/BLL Integrated Silicon Solution, Inc.- www.issi.com 9 Rev. A2 07/08/2024 3. Power-up Initialization The SPI/QPI includes on-chip voltage sensor used to start the self-initialization process. When VDD reaches a stable level at above the minimum VDD, the device will need 150us to complete its self-initialization process. After the 150us period, the device will be ready for normal operation. Figure 3.1 POWER-UP Timing VDD VDDmin Device Initialization Device is ready for normal operation tPUmin =150us |