| 전자부품 데이터시트 검색엔진 |
|
REF5040IDGK 데이터시트(PDF) 37 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF5040IDGK 데이터시트(HTML) 37 Page - Texas Instruments |
|
37 / 52 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 28-Oct-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) REF5040AID.A Active Production SOIC (D) | 8 75 | TUBE Yes Call TI Level-2-260C-1 YEAR -40 to 125 REF 5040 A REF5040AIDGKR Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes Call TI | Nipdau Level-2-260C-1 YEAR -40 to 125 R50D REF5040AIDGKR.A Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 R50D REF5040AIDGKT Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes Call TI | Nipdau Level-2-260C-1 YEAR -40 to 125 R50D REF5040AIDGKT.A Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50D REF5040AIDGKTG4 Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50D REF5040AIDGKTG4.A Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50D REF5040AIDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 REF 5040 A REF5040AIDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 REF 5040 A REF5040AIDRG4 Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 REF 5040 A REF5040AIDRG4.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 REF 5040 A REF5040ID Active Production SOIC (D) | 8 75 | TUBE Yes Call TI Level-2-260C-1 YEAR -40 to 125 REF 5040 REF5040ID.A Active Production SOIC (D) | 8 75 | TUBE Yes Call TI Level-2-260C-1 YEAR -40 to 125 REF 5040 REF5040IDGKR Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50D REF5040IDGKR.A Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50D REF5040IDGKT Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50D REF5040IDGKT.A Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50D REF5040IDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 REF 5040 REF5040IDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 REF 5040 Addendum-Page 5 |