| 전자부품 데이터시트 검색엔진 |
|
SN74AC00DR 데이터시트(PDF) 10 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74AC00DR 데이터시트(HTML) 10 Page - Texas Instruments |
|
10 / 36 page ![]() 7 Application and Implementation Note Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes, as well as validating and testing their design implementation to confirm system functionality. 7.1 Power Supply Recommendations The power supply can be any voltage between the minimum and maximum supply voltage rating located in the Recommended Operating Conditions. Each VCC terminal should have a good bypass capacitor to prevent power disturbance. For devices with a single supply, TI recommends a 0.1-μF capacitor and if there are multiple VCC terminals then TI recommends a 0.01-μF or 0.022-μF capacitor for each power terminal. Multiple bypass capacitors can be paralleled to reject different frequencies of noise. Frequencies of 0.1 μF and 1 μF are commonly used in parallel. The bypass capacitor should be installed as close as possible to the power terminal for best results. 7.2 Layout 7.2.1 Layout Guidelines When using multiple bit logic devices inputs should not ever float. In many cases, functions or parts of functions of digital logic devices are unused, for example, when only two inputs of a triple-input AND gate are used or only three of the four buffer gates are used. Such input pins should not be left unconnected because the undefined voltages at the outside connections result in undefined operational states. Specified below are the rules that must be observed under all circumstances. All unused inputs of digital logic devices must be connected to a high or low bias to prevent them from floating. The logic level that should be applied to any particular unused input depends on the function of the device. Generally they will be tied to GND or VCC whichever make more sense or is more convenient. Floating outputs is generally acceptable, unless the part is a transceiver. If the transceiver has an output enable pin it will disable the outputs section of the part when asserted. This will not disable the input section of the I.O’s so they also cannot float when disabled. 7.2.2 Layout Example 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1A 1B 2A 2B 2Y GND V CC 4B 4A 3B 3A 3Y GND V CC 4Y 1Y 0.1 F Unused inputs tied to VCC Bypass capacitor placed close to the device Avoid 90° corners for signal lines Recommend GND flood fill for improved signal isolation, noise reduction, and thermal dissipation Unused output left floating Figure 7-1. Layout Example for the SNx4AC00 SN54AC00, SN74AC00 SCAS524G – AUGUST 1995 – REVISED APRIL 2025 www.ti.com 10 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: SN54AC00 SN74AC00 |