전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS340AFN 데이터시트(PDF) 15 Page - STMicroelectronics

부품명 STPS340AFN
상세설명  40 V, 3 A power Schottky rectifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS340AFN 데이터시트(HTML) 15 Page - STMicroelectronics

Back Button STPS340AFN Datasheet HTML 11Page - STMicroelectronics STPS340AFN Datasheet HTML 12Page - STMicroelectronics STPS340AFN Datasheet HTML 13Page - STMicroelectronics STPS340AFN Datasheet HTML 14Page - STMicroelectronics STPS340AFN Datasheet HTML 15Page - STMicroelectronics STPS340AFN Datasheet HTML 16Page - STMicroelectronics STPS340AFN Datasheet HTML 17Page - STMicroelectronics STPS340AFN Datasheet HTML 18Page - STMicroelectronics STPS340AFN Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
2.5
DPAK package information
•
Epoxy meets UL 94,V0
•
Cooling method: by conduction (C)
Figure 25. DPAK package outline
L1
L
A1
R
R
D
c
A
c2
V2
A2
H
L4
e1
e
b
L2
E
b4
Gauge
plane
0.25
D1
E1
Thermal pad
Note:
This package drawing may slightly differ from the physical package. However, all the specified dimensions are
guaranteed.
STPS340
DPAK package information
DS0792 - Rev 13
page 15/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19