| 전자부품 데이터시트 검색엔진 |
|
L99DZ120 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99DZ120 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 161 page ![]() This is information on a product in full production. March 2019 DS11567 Rev 5 1/161 L99DZ120 Automotive door actuator driver with embedded LIN Datasheet - production data Features AEC-Q100 qualified 1 half bridge for 7.5 A load (RON = 100 mΩ) 1 half bridge for 7.5 A load (RON = 150 mΩ) 2 half bridges for 3 A load (RON = 300 mΩ) 1 configurable high-side driver for up to 1.5 A (RON = 500 mΩ) or 0.35 A (RON = 1600 mΩ) load 1 configurable high-side driver for 0.8 A (RON = 800 mΩ) or 0.35 A (RON = 1600 mΩ) load 3 configurable high-side drivers for 0.15 A/0.35 A (RON =2 Ω) 1 configurable high-side driver for 0.25 A/0.5 A (RON = 2 Ω) 4 configurable high-side drivers for 0.15 A/0.25 A (RON = 5 Ω) Internal 10bit PWM timer for each stand-alone high-side driver Buffered supply for voltage regulators and 2 high-side drivers (OUT15 & OUT_HS / both P-channel) to supply e.g. external contacts Programmable soft-start function to drive loads with higher inrush currents as current limitation value (for OUT1-6, OUT7, OUT8 and OUT_HS) with thermal expiration feature All the embedded outputs come with protection and supervision features: – Current Monitor (high-side only) – Open-load – Overcurrent – Thermal warning – Thermal shutdown Fully protected driver for external MOSFETs in H-bridge configuration Two 5 V voltage regulators for microcontroller and peripheral supply Programmable reset generator for power-on and undervoltage Configurable window watchdog LIN 2.2a compliant (SAEJ2602 compatible) transceiver Separated (Isolated) fail-safe block with 2 LS (RON = 1 Ω) to pull down the gates of the external HS MOSFETs Thermal clusters A/D conversion of supply voltages and internal temperature sensors Embedded and programmable VS duty cycle adjustment for LED driver outputs Applications Door zone applications. Table 1. Device summary Package Order codes Tray Tape and reel LQFP-64 epad L99DZ120 L99DZ120TR Product label www.st.com |
유사한 부품 번호 - L99DZ120 |
|
유사한 설명 - L99DZ120 |