전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L99LD01 데이터시트(PDF) 59 Page - STMicroelectronics

부품명 L99LD01
상세설명  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 데이터시트(HTML) 59 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 55Page - STMicroelectronics L99LD01 Datasheet HTML 56Page - STMicroelectronics L99LD01 Datasheet HTML 57Page - STMicroelectronics L99LD01 Datasheet HTML 58Page - STMicroelectronics L99LD01 Datasheet HTML 59Page - STMicroelectronics L99LD01 Datasheet HTML 60Page - STMicroelectronics L99LD01 Datasheet HTML 61Page - STMicroelectronics L99LD01 Datasheet HTML 62Page - STMicroelectronics L99LD01 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 69 page
background image
DocID025319 Rev 3
59/69
L99LD01
Application circuits
68
7
Application circuits
Typical application circuits are shown on the following Figure 34, Figure 35 and Figure 36.
Figure 37 shows the case of standalone application. Figure 38 shows an example for the
boost converter topology which uses an external Mosfet M3, for provide reverse battery
protection, maintaining at same time a very low drop voltage in the normal functioning, but
achieving low dissipation and high efficiency, in case of high power applications (LED
headlamps).
Figure 34. Boost application circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69