| 전자부품 데이터시트 검색엔진 |
|
REF5050AID.A 데이터시트(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF5050AID.A 데이터시트(HTML) 7 Page - Texas Instruments |
|
7 / 52 page ![]() 6.5 Electrical Characteristics REF50xxI and REF50xxAI At TA = 25°C, ILOAD = 0, CL = 1μF and VIN = (VOUT + 0.2V) to 18V, unless otherwise noted PARAMETER TEST CONDITION MIN TYP MAX UNIT OUTPUT VOLTAGE VOUT Output Voltage REF5020 (VOUT = 2.048V) (1), 2.7V < VIN < 18V 2.048 V REF5025 2.5 REF5030 3.0 REF5040 4.096 REF5045 4.5 REF5050 5 REF5010 10 Initial Accuracy High Grade All voltage options (1) -0.05 0.05 % Standard Grade All voltage options (1) –0.1 0.1 % NOISE enpp Low Frequency noise ƒ = 0.1Hz to 10Hz 3 µVPP/V en Output Voltage Noise ƒ = 10Hz to 1kHz 0.9 µVrms/V OUTPUT VOLTAGE TEMPERATURE DRIFT dVOUT/dT High grade TA = –40°C to 125°C 2.5 3 pm/ ℃ Standard grade 3 8 LINE REGULATION ΔVO(ΔVI) Line regulation VIN = (VOUT + 0.2V) to 18V(1) 1 3 ppm/V VIN = (VOUT + 0.2V) TO 18V, TA = –40°C to 125°C(1) 1 5 LOAD REGULATION ΔVO(ΔIL) Load regulation –10mA < IOUT < 10mA, VIN = VOUT + 0.75V(2) 20 30 ppm/mA 10mA < IOUT < 10mA, VIN = VOUT + 0.75V(2), TA = –40°C to 125°C 50 SHORT-CIRCUIT CURRENT ISC Short circuit current VOUT = 0 25 mA THERMAL HYSTERESIS High grade VSSOP-8 Cycle 1 50 ppm Cycle 2 40 SOIC-8 Cycle 1 70 Cycle 2 50 Standard grade VSSOP-8 Cycle 1 70 Cycle 2 40 SOIC-8 Cycle 1 90 Cycle 2 50 LONG-TERM STABILITY ΔVOUT_LTD VSSOP-8 0 to 1000 hours 50 ppm 1000 to 2000 hours 25 SOIC-8 0 to 1000 hours 22 1000 to 2000 hours 18 TEMP PIN Voltage output 575 mV Temperature sensitivity TA = -40°C to 125°C 2.64 mV/ ℃ www.ti.com REF50, REF50E SBOS410O – JUNE 2007 – REVISED OCTOBER 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 7 Product Folder Links: REF50 REF50E |
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |