전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS2150 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 STPS2150
상세설명  150 V, 2 A power Schottky rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2150 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button STPS2150_V01 Datasheet HTML 3Page - STMicroelectronics STPS2150_V01 Datasheet HTML 4Page - STMicroelectronics STPS2150_V01 Datasheet HTML 5Page - STMicroelectronics STPS2150_V01 Datasheet HTML 6Page - STMicroelectronics STPS2150_V01 Datasheet HTML 7Page - STMicroelectronics STPS2150_V01 Datasheet HTML 8Page - STMicroelectronics STPS2150_V01 Datasheet HTML 9Page - STMicroelectronics STPS2150_V01 Datasheet HTML 10Page - STMicroelectronics STPS2150_V01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
2.1
SMA package information
•
Epoxy meets UL 94, V0
•
Cooling method : by conduction (C)
Figure 13. SMA package outline
E
C
L
E1
D
A1
A2
b
Table 4. SMA package mechanical data
Ref.
Dimensions
Millimeters
Inches (for reference only)
Min.
Typ.
Max.
Min.
Typ.
Max.
A1
1.90
-
2.45
0.075
-
0.097
A2
0.05
-
0.20
0.002
-
0.008
b
1.25
-
1.65
0.049
-
0.065
C
0.15
-
0.40
0.006
-
0.016
D
2.25
-
2.90
0.089
-
0.114
E
4.80
-
5.35
0.189
-
0.211
E1
3.95
-
4.60
0.156
-
0.181
L
0.75
-
1.50
0.030
-
0.059
STPS2150
SMA package information
DS3282 - Rev 8
page 7/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13