전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ICS9LPR501 데이터시트(PDF) 19 Page - Integrated Device Technology

부품명 ICS9LPR501
상세설명  64-pin CK505 w/Fully Integrated Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPR501 데이터시트(HTML) 19 Page - Integrated Device Technology

Back Button ICS9LPR501 Datasheet HTML 14Page - Integrated Device Technology ICS9LPR501 Datasheet HTML 15Page - Integrated Device Technology ICS9LPR501 Datasheet HTML 16Page - Integrated Device Technology ICS9LPR501 Datasheet HTML 17Page - Integrated Device Technology ICS9LPR501 Datasheet HTML 18Page - Integrated Device Technology ICS9LPR501 Datasheet HTML 19Page - Integrated Device Technology ICS9LPR501 Datasheet HTML 20Page - Integrated Device Technology ICS9LPR501 Datasheet HTML 21Page - Integrated Device Technology ICS9LPR501 Datasheet HTML 22Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
19
Integrated
Circuit
Systems, Inc.
ICS9LPR501
1118F—11/06/07
Byte 22 CPU M/N Programming
Bit
Pin
Name
Description
Type
01
Default
7
N Div bit 8
PLL 1 M/N Programming
RW
X
6
N Div bit 9
(Intel PLL1 CPU)
RW
X
5M Div Bit 5
RW
X
4M Div Bit 4
RW
X
3M Div Bit 3
RW
X
2M Div Bit 2
RW
X
1M Div Bit 1
RW
X
0M Div Bit 0
RW
X
Byte 23 CPU M/N Programming
Bit
Pin
Name
Description
Type
01
Default
7
N Div bit 7
PLL 1 M/N Programming
RW
X
6
N Div bit 6
(Intel PLL1 CPU)
RW
X
5
N Div bit 5
RW
X
4
N Div bit 4
RW
X
3
N Div bit 3
RW
X
2
N Div bit 2
RW
X
1
N Div bit 1
RW
X
0
N Div Bit 0
RW
X
Byte 24 CPU Divider Programming
Bit
Pin
Name
Description
Type
0
1
Default
7
Reserved
RW
0
6
Reserved
RW
0
5
Reserved
RW
0
4
Reserved
RW
0
3
CPUDiv3
RW
0000:/2
1000:/8
X
2
CPUDiv2
RW
0001:/3
1001:/12
X
1
CPUDiv1
RW
0010:/5
1010:/20
X
0
CPUDiv0
RW
0011:/7
1011:/28
X
Byte 25 SRC and PCI Divider Programming (CK505 PLL1)
Bit
Pin
Name
Description
Type
0
1
Default
7
PCIDiv3
RW
0000:/2
1000:/8
X
6
PCIDiv2
RW
0001:/3
1001:/12
X
5
PCIDiv1
RW
0010:/5
1010:/20
X
4
PCIDiv0
RW
0011:/9
1011:/36
X
3
SRCDiv3
RW
0000:/2
1000:/8
X
2
SRCDiv2
RW
0001:/3
1001:/12
X
1
SRCDiv1
RW
0010:/5
1010:/20
X
0
SRCDiv0
RW
0011:/9
1011:/36
X
CPU Divider Ratio Programming Bits
PCI Divider Ratio Programming Bits for PLL1
SRC Divider Ratio Programming Bits
Reserved
*Accessing any SMBus bytes not shown in the datasheet could result in incorrect clock functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22