전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS-DC200S 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 GS-DC200S
상세설명  STEPPER MOTOR CONTROL AND DRIVE SYSTEM FAMILY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-DC200S 데이터시트(HTML) 6 Page - STMicroelectronics

  GS-DC200S Datasheet HTML 1Page - STMicroelectronics GS-DC200S Datasheet HTML 2Page - STMicroelectronics GS-DC200S Datasheet HTML 3Page - STMicroelectronics GS-DC200S Datasheet HTML 4Page - STMicroelectronics GS-DC200S Datasheet HTML 5Page - STMicroelectronics GS-DC200S Datasheet HTML 6Page - STMicroelectronics GS-DC200S Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
RS-232 CONNECTOR (J2 - DB9)
Pin 1
Ground
Pin 2
Received data input
Pin 3
Transmitted data output
Pin 7
Ground
6/7
GS-DC FAMILY HARDWARE AVAILABLE COMMANDS
Dip switch configuration selection (0=OFF 1=ON)
S1
S2
S3
Address
Protocol
0
00–
Point-to-point
1
001
Multipoint
0
102
Multipoint
1
103
Multipoint
0
014
Multipoint
1
015
Multipoint
0
116
Multipoint
1
117
Multipoint
S4
S5
S6
Baud rate
000
110
100
150
010
300
110
600
0
0
1
1200
1
0
1
2400
0
1
1
4800
1
1
1
9600
S7
Checksum
1
Disable
0
Enable
S8
Stand alone operation
1
Enable
0
Disable
Note: Switch position 9 is not used.
S10
RS232 TXD pull-dow n
0
Not connected
1
Connected
Rx
Phase peak current programming
GS-DC200 Family



Html Pages

1 2 3 4 5 6 7