전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74LVC1T45 데이터시트(PDF) 8 Page - Texas Instruments

부품명 SN74LVC1T45
상세설명  SN74LVC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1T45 데이터시트(HTML) 8 Page - Texas Instruments

Back Button SN74LVC1T45 Datasheet HTML 4Page - Texas Instruments SN74LVC1T45 Datasheet HTML 5Page - Texas Instruments SN74LVC1T45 Datasheet HTML 6Page - Texas Instruments SN74LVC1T45 Datasheet HTML 7Page - Texas Instruments SN74LVC1T45 Datasheet HTML 8Page - Texas Instruments SN74LVC1T45 Datasheet HTML 9Page - Texas Instruments SN74LVC1T45 Datasheet HTML 10Page - Texas Instruments SN74LVC1T45 Datasheet HTML 11Page - Texas Instruments SN74LVC1T45 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
5.8 Switching Characteristics (VCCA = 3.3V ± 0.3V)
over recommended operating free-air temperature range, VCCA = 3.3V ± 0.3V (see Figure 6-1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB = 1.8V
±0.15V
VCCB = 2.5V
±0.2V
VCCB = 3.3V
±0.3V
VCCB = 5V
±0.5V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
A
B
2.1
15.5
1.4
8
0.7
5.8
0.7
4.4
ns
tPHL
2
12.6
1.3
7
0.8
5
0.7
4
tPLH
B
A
1.7
8.3
1.3
6.4
0.7
5.8
0.6
5.4
ns
tPHL
1.8
7.1
1.3
5.4
0.8
5
0.7
4.5
tPHZ
DIR
A
2.9
7.3
3
7.3
2.8
7.3
3.4
7.3
ns
tPLZ
1.8
5.6
1.6
5.6
2.2
5.7
2.2
5.7
tPHZ
DIR
B
5.4
20.5
3.9
10.1
2.9
8.8
2.4
6.8
ns
tPLZ
3.3
14.5
2.9
7.8
2.4
7.1
1.7
4.9
tPZH (1)
DIR
A
22.8
14.2
12.9
10.3
ns
tPZL (1)
27.6
15.5
13.8
11.3
tPZH (1)
DIR
B
21.1
13.6
11.5
10.1
ns
tPZL (1)
19.9
14.3
12.3
11.3
(1)
The enable time is a calculated value, derived using the formula shown in the Enable Times section.
5.9 Switching Characteristics (VCCA = 5V ±0.5V)
over recommended operating free-air temperature range, VCCA = 5V ±0.5V (see Figure 6-1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB = 1.8V
±0.15V
VCCB = 2.5V
±0.2V
VCCB = 3.3V
±0.3V
VCCB = 5V
±0.5V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
A
B
1.9
15.1
1
7.5
0.6
5.4
0.5
3.9
ns
tPHL
1.8
12.2
0.9
6.2
0.7
4.5
0.5
3.5
tPLH
B
A
1.4
7.2
1
5.1
0.7
4.4
0.5
3.9
ns
tPHL
1.7
7
0.9
4.6
0.7
4
0.5
3.5
tPHZ
DIR
A
2.1
5.4
2.2
5.4
2.2
5.5
2.2
5.4
ns
tPLZ
0.9
3.8
1
3.8
0.7
3.7
0.7
3.7
tPHZ
DIR
B
4.8
20.2
2.5
9.8
1
8.5
2.5
6.5
ns
tPLZ
3.2
14.8
2.5
7.4
2.5
7
1.6
4.5
tPZH (1)
DIR
A
22
12.5
11.4
8.4
ns
tPZL (1)
27.2
14.4
12.5
10
tPZH (1)
DIR
B
18.9
11.3
9.1
7.6
ns
tPZL (1)
17.6
11.6
10
8.6
(1)
The enable time is a calculated value, derived using the formula shown in the Enable Times section.
SN74LVC1T45
SCES515N – DECEMBER 2003 – REVISED JUNE 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN74LVC1T45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com