전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PSG01595 데이터시트(PDF) 1 Page - Pro-Signal

부품명 PSG01595
상세설명  MIC Multipole Panel Plug 6 Way
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROSIGNAL [Pro-Signal]
홈페이지  
Logo PROSIGNAL - Pro-Signal

PSG01595 데이터시트(HTML) 1 Page - Pro-Signal

  PSG01595 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.2
22/03/19
MIC Multipole Panel Plug
6 Way
Dimensions : Millimetres
Diagram
Item Designation Material
1
Dielectric
Bakelite
2
Body
Zn
3
Ferrule
Fe
4
Nut
Zn
5
Pin
Brass
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell Limited 2016.
Part Number Table
Description
Part Number
MIC Multipole Panel Plug, 6 Way
PSG01595
Specifications
Connector Type
: Circular Industrial
Connector Body Material : Zinc
Gender
: Plug
Contact Gender
: Pin
Connector Mounting
: Panel
No. of Contacts
: 6
Contact Termination
: Solder
Contact Material
: Copper
Material
: Plated Metal
Panel Cutout Diameter
: 16mm
Rating
: 125V 4A
Min. Insulation Resistance : 2000MΩ at DC 500V
Dielectric Strength
: 200V AC/1 minute
Max. Contact Resistance : 10MΩ


유사한 부품 번호 - PSG01595

제조업체부품명데이터시트상세설명
logo
Multicomp Pro
PSG01590 MULTICOMP-PSG01590 Datasheet
162Kb / 1P
MIC Female Connector 4 Way
V1.0 29/06/20
logo
List of Unclassifed Man...
PSG01591 ETC-PSG01591 Datasheet
219Kb / 1P
Multipole Socket
V1.0 11/09/12
PSG01592 ETC-PSG01592 Datasheet
354Kb / 1P
Multipole Socket
V1.0 11/09/12
logo
Multicomp Pro
PSG01593 MULTICOMP-PSG01593 Datasheet
146Kb / 1P
MIC Male Connector 4 Way
V1.0 29/06/20
logo
List of Unclassifed Man...
PSG01594 ETC-PSG01594 Datasheet
205Kb / 1P
Multipole Male Connector
V1.0 21/10/13
More results

유사한 설명 - PSG01595

제조업체부품명데이터시트상세설명
logo
MolexKits
76650-0054 MOLEXKITS-76650-0054 Datasheet
38Kb / 2P
Panel Mount Plug and Receptacle, 6 Circuit
76650-0067 MOLEXKITS-76650-0067 Datasheet
38Kb / 2P
Panel Mount Plug and Receptacle, 6 Circuit
logo
Amphenol Corporation
AT04-6P AMPHENOL-AT04-6P Datasheet
604Kb / 1P
Recpt, 6 Way
AT06-2S AMPHENOL-AT06-2S Datasheet
143Kb / 1P
Plug, 2 Way
AT06-3S AMPHENOL-AT06-3S Datasheet
167Kb / 1P
Plug, 3 Way
AT06-4S AMPHENOL-AT06-4S Datasheet
138Kb / 1P
Plug, 4 Way
AT06-6S AMPHENOL-AT06-6S Datasheet
143Kb / 1P
Plug, 6 Way
logo
List of Unclassifed Man...
110G19 ETC2-110G19 Datasheet
18Mb / 108P
POWERPOLE&MULTIPOLE
logo
Shenzhen Putianhe Techn...
TM1806 PTH-TM1806 Datasheet
261Kb / 6P
6 way led
logo
TE Connectivity Ltd
612081-6-ENV TEC-612081-6-ENV Datasheet
191Kb / 2P
SHIELDED D369 PLUG SHELL SIZE 6, 6 WAY
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com