전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NP0 데이터시트(PDF) 4 Page - Multicomp Pro

부품명 NP0
상세설명  Automotive Multilayer Ceramic Capacitors 10 to 100V (NP0, X7R Dielectrics)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MULTICOMP [Multicomp Pro]
홈페이지  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

NP0 데이터시트(HTML) 4 Page - Multicomp Pro

  NP0 Datasheet HTML 1Page - Multicomp Pro NP0 Datasheet HTML 2Page - Multicomp Pro NP0 Datasheet HTML 3Page - Multicomp Pro NP0 Datasheet HTML 4Page - Multicomp Pro NP0 Datasheet HTML 5Page - Multicomp Pro NP0 Datasheet HTML 6Page - Multicomp Pro NP0 Datasheet HTML 7Page - Multicomp Pro NP0 Datasheet HTML 8Page - Multicomp Pro NP0 Datasheet HTML 9Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Page <4>
V1.0
24/12/22
Automotive Multilayer Ceramic Capacitors
10 to 100V (NP0, X7R Dielectrics)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Dielectric
X7R
Size
0402
0603
330pF (331)
N
N
N
N
S
S
S
S
S
390pF (391)
N
N
N
N
S
S
S
S
S
470pF (471)
N
N
N
N
S
S
S
S
S
560pF (561)
N
N
N
N
S
S
S
S
S
680pF (681)
N
N
N
N
S
S
S
S
S
820pF (821)
N
N
N
N
S
S
S
S
S
1,000pF (102) N
N
N
N
S
S
S
S
S
1,200pF (122) N
N
N
N
S
S
S
S
S
1,500pF (152) N
N
N
N
S
S
S
S
S
1,800pF (182) N
N
N
N
S
S
S
S
S
2,200pF (222) N
N
N
N
S
S
S
S
S
2,700pF (272) N
N
N
N
S
S
S
S
S
3,300pF (332) N
N
N
N
S
S
S
S
S
3,900pF (392) N
N
N
N
S
S
S
S
S
4,700pF (472) N
N
N
N
S
S
S
S
S
5,600pF (562) N
N
N
N
S
S
S
S
S
6,800pF (682) N
N
N
N
S
S
S
S
S
8,200pF (822) N
N
N
N
S
S
S
S
S
0.010µF (103) N
N
N
N
S
S
S
S
S
0.012µF (123) N
N
N
S
S
S
S
X
0.015µF (153) N
N
N
S
S
S
S
X
0.018µF (183) N
N
N
S
S
S
S
X
0.022µF (223) N
N
N
S
S
S
S
X
0.027µF (273) N
N
N
S
S
S
S
X
0.033µF (333) N
N
N
S
S
S
X
X
0.039µF (393) N
N
N
S
S
S
X
X
0.047µF (473) N
N
N
S
S
S
X
X
0.056µF (563) N
N
N
S
S
S
X
0.068µF (683) N
N
N
S
S
S
X
0.082µF (823) N
N
N
S
S
S
X
0.10µF (104)
N
N
N
S
S
S
X
0.12µF (124)
X
X
X
0.15µF (154)
X
X
X
X
0.18µF (184)
X
X
X
0.22µF (224)
X
X
X
X
0.33µF (334)
X
X
X
X
The letter in cell is expressed the symbol of product thickness.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com