전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS20170C 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 STPS20170C
상세설명  High voltage power Schottky rectifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20170C 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button STPS20170C_V01 Datasheet HTML 2Page - STMicroelectronics STPS20170C_V01 Datasheet HTML 3Page - STMicroelectronics STPS20170C_V01 Datasheet HTML 4Page - STMicroelectronics STPS20170C_V01 Datasheet HTML 5Page - STMicroelectronics STPS20170C_V01 Datasheet HTML 6Page - STMicroelectronics STPS20170C_V01 Datasheet HTML 7Page - STMicroelectronics STPS20170C_V01 Datasheet HTML 8Page - STMicroelectronics STPS20170C_V01 Datasheet HTML 9Page - STMicroelectronics STPS20170C_V01 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Package information
STPS20170C
6/15
DocID10243 Rev 3
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Cooling method: by conduction (C)
Epoxy meets UL 94,V0
Recommended torque value: 0.55 N·m (for TO-220AB and TO-220FPAB)
Maximum torque value: 0.7 N·m (for TO-220AB and TO-220FPAB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com