전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS20170CFP 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 STPS20170CFP
상세설명  High voltage power Schottky rectifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20170CFP 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button STPS20170CFP Datasheet HTML 7Page - STMicroelectronics STPS20170CFP Datasheet HTML 8Page - STMicroelectronics STPS20170CFP Datasheet HTML 9Page - STMicroelectronics STPS20170CFP Datasheet HTML 10Page - STMicroelectronics STPS20170CFP Datasheet HTML 11Page - STMicroelectronics STPS20170CFP Datasheet HTML 12Page - STMicroelectronics STPS20170CFP Datasheet HTML 13Page - STMicroelectronics STPS20170CFP Datasheet HTML 14Page - STMicroelectronics STPS20170CFP Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
STPS20170C
Package information
DocID10243 Rev 3
13/15
Table 7: TO-220AB package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
b
0.61
0.88
0.240
0.035
b1
1.14
1.70
0.045
0.067
c
0.48
0.70
0.019
0.028
D
15.25
15.75
0.600
0.620
D1
1.27 typ.
0.050 typ.
E
10.00
10.40
0.394
0.409
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.195
0.203
F
1.23
1.32
0.048
0.052
H1
6.20
6.60
0.244
0.260
J1
2.40
2.72
0.094
0.107
L
13.00
14.00
0.512
0.551
L1
3.50
3.93
0.138
0.155
L20
16.40 typ.
0.646 typ.
L30
28.90 typ.
1.138 typ.
θP
3.75
3.85
0.148
0.152
Q
2.65
2.95
0.104
0.116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15