전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS30170C 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 STPS30170C
상세설명  High voltage power Schottky rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30170C 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button STPS30170C Datasheet HTML 5Page - STMicroelectronics STPS30170C Datasheet HTML 6Page - STMicroelectronics STPS30170C Datasheet HTML 7Page - STMicroelectronics STPS30170C Datasheet HTML 8Page - STMicroelectronics STPS30170C Datasheet HTML 9Page - STMicroelectronics STPS30170C Datasheet HTML 10Page - STMicroelectronics STPS30170C Datasheet HTML 11Page - STMicroelectronics STPS30170C Datasheet HTML 12Page - STMicroelectronics STPS30170C Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
STPS30170C
Package information
DocID11640 Rev 2
11/13
Table 6: TO-247 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.85
5.15
0.191
0.203
A1
2.20
2.60
0.086
0.102
b
1.00
1.40
0.039
0.055
b1
2.00
2.40
0.078
0.094
b2
3.00
3.40
0.118
0.133
c
0.40
0.80
0.015
0.031
D(1)
19.85
20.15
0.781
0.793
E
15.45
15.75
0.608
0.620
e
5.30
5.45
5.60
0.209
0.215
0.220
L
14.20
14.80
0.559
0.582
L1
3.70
4.30
0.145
0.169
L2
18.50
0.728
ØP(2)
3.55
3.65
0.139
0.143
ØR
4.50
5.50
0.177
0.217
S
5.30
5.50
5.70
0.209
0.216
0.224
Notes:
(1)Dimension D plus gate protusion does not exceed 20.5 mm
(2)Resin thickness around the mounting hole is not less than 0.9 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13