| 전자부품 데이터시트 검색엔진 |
|
STPS30170CW 데이터시트(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPS30170CW 데이터시트(HTML) 11 Page - STMicroelectronics |
|
11 / 13 page ![]() STPS30170C Package information DocID11640 Rev 2 11/13 Table 6: TO-247 package mechanical data Ref. Dimensions Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 4.85 5.15 0.191 0.203 A1 2.20 2.60 0.086 0.102 b 1.00 1.40 0.039 0.055 b1 2.00 2.40 0.078 0.094 b2 3.00 3.40 0.118 0.133 c 0.40 0.80 0.015 0.031 D(1) 19.85 20.15 0.781 0.793 E 15.45 15.75 0.608 0.620 e 5.30 5.45 5.60 0.209 0.215 0.220 L 14.20 14.80 0.559 0.582 L1 3.70 4.30 0.145 0.169 L2 18.50 0.728 ØP(2) 3.55 3.65 0.139 0.143 ØR 4.50 5.50 0.177 0.217 S 5.30 5.50 5.70 0.209 0.216 0.224 Notes: (1)Dimension D plus gate protusion does not exceed 20.5 mm (2)Resin thickness around the mounting hole is not less than 0.9 mm. |