| 전자부품 데이터시트 검색엔진 |
|
HCS512T-/SO 데이터시트(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS512T-/SO 데이터시트(HTML) 12 Page - Microchip Technology |
|
12 / 26 page ![]() HCS512 DS40151D-page 12 © 2002 Microchip Technology Inc. 7.0 KEY GENERATION SCHEMES The HCS512 decoder has two key generation schemes. Normal learning uses the transmitter’s serial number to derive two input seeds which are used as inputs to the key generation algorithm. Secure learning uses the seed transmission to derive the two input seeds. Two key generation algorithms are available to convert the inputs seeds to secret keys. The appropriate scheme is selected in the Configuration Word. FIGURE 7-1: 7.1 Normal Learning (Serial Number Derived) The two input seeds are composed from the serial number in two ways, depending on the encoder type. The encoder type is determined from the number of bits in the incoming transmission. SourceH is used to calculate the upper 32 bits of the crypt key, and SourceL, for the lower 32 bits. For 28-bit serial number encoders (66 / 67-bit transmissions): SourceH = 6H + 28 bit Serial Number SourceL = 2H + 28 bit Serial Number 7.2 Secure Learning (Seed Derived) The two input seeds are composed from the seed value that is transmitted during secure learning. The lower 32 bits of the seed transmission is used to compose the lower seed, and the upper 32 bits, for the upper seed. The upper 4 bits (function code) are set to zero. For 32-bit seed encoders: SourceH = Serial Number Lower 28 bits (with upper 4 bits always zero) SourceL = Seed 32 bits For 48-bit seed encoders: SourceH = Seed Upper 16 bits + Serial Number Upper 16 bits (with upper 4 bits always zero) << 16 SourceL = Seed Lower 32 bits For 60-bit seed encoders: SourceH = Seed Upper 28 bits (with upper 4 bits always zero) SourceL = Seed Lower 32 bits Seed Patched Serial Number Key Generation Algorithms ------------------- Decrypt XOR Encoder Key Manufacturer’s Key |