전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LCX00TTR 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 74LCX00TTR
상세설명  Low-voltage CMOS quad dual input NAND gate with 5 V tolerant inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX00TTR 데이터시트(HTML) 1 Page - STMicroelectronics

  74LCX00TTR Datasheet HTML 1Page - STMicroelectronics 74LCX00TTR Datasheet HTML 2Page - STMicroelectronics 74LCX00TTR Datasheet HTML 3Page - STMicroelectronics 74LCX00TTR Datasheet HTML 4Page - STMicroelectronics 74LCX00TTR Datasheet HTML 5Page - STMicroelectronics 74LCX00TTR Datasheet HTML 6Page - STMicroelectronics 74LCX00TTR Datasheet HTML 7Page - STMicroelectronics 74LCX00TTR Datasheet HTML 8Page - STMicroelectronics 74LCX00TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
October 2012
Doc ID 4972 Rev 7
1/16
16
74LCX00
Low-voltage CMOS quad dual input NAND gate with
5 V tolerant inputs
Datasheet
−production data
Features
■ 5 V tolerant inputs
■ High speed
–tPD = 4.3 ns (max.) at VCC = 3 V
■ Power-down protection on inputs and outputs
■ Symmetrical output impedance
–|IOH| = IOL = 24 mA (min.) at VCC = 3 V
■ PCI bus levels guaranteed at 24 mA
■ Balanced propagation delay
–tPLH ≅ tPHL
■ Operating voltage range
–VCC (opr.) = 2.0 V to 3.6 V
■ Pin and function compatible with 74 series 00
■ Latch-up performance exceeds 500 mA
(JESD 17)
■ ESD performance
– HBM: 2000 V (MIL STD 883 method 3015)
– MM: 200 V
– CDM: 1000 V
Applications
■ Automotive
■ Industrial
■ Computer
■ Consumer
Description
The 74LCX00 device is a low-voltage CMOS
quad dual input NAND gate manufactured with
sub-micron silicon gate and double layer metal
wiring C2MOS technology. It is ideal for low-power
and high-speed 3.3 V applications and can be
interfaced to a 5 V signal environment for inputs.
It has the same speed performance at 3.3 V as
the 5 V AC/ACT family, combined with lower
power consumption.
All inputs and outputs are equipped with
protection circuits against static discharge, giving
them 2 kV ESD immunity and transient excess
voltage.
SO-14
TSSOP14
Table 1.
Device summary
Order code
Temperature range
Package
Packaging
Marking
74LCX00TTR
-40/+85 °C
TSSOP14
Tape and reel
LCX00
74LCX00YTTR(1)
-40/+85 °C
TSSOP14 (automotive grade)
Tape and reel
LCX00Y
74LCX00MTR
-40/+85 °C
SO-14
Tape and reel
74LCX00
74LCX00YMTR(1)
-40/+85 °C
SO-14 (automotive grade)
Tape and reel
74LCX00Y
1.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 and Q002 or equivalent.
www.st.com


유사한 부품 번호 - 74LCX00TTR

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00 Datasheet
82Kb / 7P
Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00 FAIRCHILD-74LCX00 Datasheet
501Kb / 11P
Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00 FAIRCHILD-74LCX00 Datasheet
504Kb / 11P
Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00 FAIRCHILD-74LCX00 Datasheet
765Kb / 13P
Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX00 ONSEMI-74LCX00 Datasheet
750Kb / 14P
Low Voltage Quad 2-Input NAND Gate
December 2013 Rev. 1.7.1
More results

유사한 설명 - 74LCX00TTR

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC74LCX00 MOTOROLA-MC74LCX00 Datasheet
135Kb / 7P
Low-Voltage CMOS Quad 2-Input NAND Gate With 5V-Tolerant Inputs
logo
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00 Datasheet
82Kb / 7P
Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX20M STMICROELECTRONICS-74LVX20M Datasheet
161Kb / 8P
LOW VOLTAGE CMOS DUAL 4-INPUT NAND GATE WITH 5V TOLERANT INPUTS
Jul-2001
logo
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00_05 Datasheet
504Kb / 11P
Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
logo
Toshiba Semiconductor
TC74LCX00F TOSHIBA-TC74LCX00F_07 Datasheet
271Kb / 10P
Low-Voltage Quad 2-Input NAND Gate with 5-V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LVX00 STMICROELECTRONICS-74LVX00 Datasheet
233Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS
27-Aug-2004
74LVX20 STMICROELECTRONICS-74LVX20_04 Datasheet
231Kb / 11P
LOW VOLTAGE CMOS DUAL 4-INPUT NAND GATE WITH 5V TOLERANT INPUTS
27-Aug-2004
74LVX132 STMICROELECTRONICS-74LVX132 Datasheet
227Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT SCHMITT NAND GATE WITH 5V TOLERANT INPUTS
27-Aug-2004
logo
Toshiba Semiconductor
TC74LCX00F TOSHIBA-TC74LCX00F_12 Datasheet
210Kb / 9P
Low-Voltage Quad 2-Input NAND Gate with 5-V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00_08 Datasheet
765Kb / 13P
Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com