전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UCD3138128 데이터시트(PDF) 1 Page - Texas Instruments

부품명 UCD3138128
상세설명  UCD3138128, UCD3138A64 Highly-Integrated Digital Controller For Isolated Power
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138128 데이터시트(HTML) 1 Page - Texas Instruments

  UCD3138128 Datasheet HTML 1Page - Texas Instruments UCD3138128 Datasheet HTML 2Page - Texas Instruments UCD3138128 Datasheet HTML 3Page - Texas Instruments UCD3138128 Datasheet HTML 4Page - Texas Instruments UCD3138128 Datasheet HTML 5Page - Texas Instruments UCD3138128 Datasheet HTML 6Page - Texas Instruments UCD3138128 Datasheet HTML 7Page - Texas Instruments UCD3138128 Datasheet HTML 8Page - Texas Instruments UCD3138128 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
UCD3138A64
UCD3138128
Best in Class Firmware
Development Tools
Advanced Configuration & Debug
Tools
Advanced Topology Control
+ Forward, Flyback, Half-
bridge, etc...
Q1
Q3
Q2
Q4
VIN
n1
LM
n2
n2
SR2
SR1
L0
C0
Q1
CR
LM
LK
Q2
VIN
Transformer
CO
Q4
Q3
LR
esr
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
UCD3138128, UCD3138A64
SLUSBZ8B – JUNE 2014 – REVISED FEBRUARY 2017
UCD3138128, UCD3138A64 Highly-Integrated Digital Controller For Isolated Power
1
1 Features
1
•
64 kB and 128 kB Program Flash Derivative of
UCD3138 Family
–
2-32 kB or 4-32 kB Program Flash Memory
Banks
–
Supports Execution From 1 Bank, While
Programming Another
–
Capability to Update Firmware Without
Shutting Down the Power Supply
–
Additional Communication Ports Compared to
the UCD3138 (+1 SPI, +1 I2C)
–
Boot Flash Based Dual Memory Image
Support for ‘On the Fly’ Firmware Updates
•
Digital Control of up to 3 Independent Feedback
Loops
–
Dedicated PID Based Hardware
–
2-pole/2-zero Configurable, Non-Linear Control
•
Up to 16 MSPS Error A/D Converter (EADC)
–
Configurable Resolution (min: 1mV/LSB)
–
Up to 8x Oversampling and Adaptive Sample
Positioning
–
Hardware Based Averaging (up to 8x)
–
14 bit Effective Reference DAC
•
Up to 8 High Resolution Digital Pulse Width
Modulated (DPWM) Outputs
–
250 ps Pulse Width Resolution
–
4 ns Frequency and Phase Resolution
–
Adjustable Phase Shift and Dead-bands
–
Cycle-by-Cycle Duty Cycle Matching
–
Up to 2 MHz Switching Frequency
•
Configurable Trailing/Leading/Triangular
Modulation
•
RTC support
•
Configurable Feedback Control
–
Voltage, Average Current and Peak Current
Mode Control
–
Constant Current, Constant Power
•
Configurable FM, Phase Shift Modulation and
PWM
•
Fast, Automatic and Smooth Mode Switching
–
Frequency Modulation and PWM
–
Phase Shift Modulation and PWM
•
High Efficiency and Light Load Management
–
Burst Mode & Ideal Diode Emulation
–
Synchronous Rectifier Soft On/Off
–
Low IC Standby Power
•
Primary Side Voltage Sensing
•
Current Share (Average & Master/Slave)
•
Feature Rich Fault Protection Options
–
7 Analog / 4 Digital Comparators,
–
Cycle-by-Cycle Current Limiting
–
Programmable Blanking Time and Fault
Counting
–
External Fault Inputs
•
Synchronization of DPWM Waveforms Between
Multiple UCD3138x Devices
•
15 channel, 12 bit, 267 ksps General Purpose
ADC
•
Internal Temperature Sensor
•
Fully Programmable High-Performance 31.25
MHz, 32-bit ARM7TDMI-S Processor
–
64 kB Program Flash (2-32 kB Banks)
–
2 kB Data Flash with ECC
–
8 kB Data RAM
–
4 kB Boot ROM Enables Firmware Boot-Load
•
Communication Peripherals,
–
2 - I2C/PMBus interfaces
–
2 - UARTs, 1 - SPI
•
Timer Capture with Selectable Input Pins
•
80-pin QFP Package
•
Operating Temperature: –40°C to 125°C
2 Applications
•
Power Supplies and Telecom Rectifiers
•
Power Factor Correction
•
Isolated DC-DC Modules
•
Phase Shifted Full Bridge with Peak Current Mode
Control, LLC, HSFB, Forward, etc.
Typical Applications and Tools


유사한 부품 번호 - UCD3138128

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UCD3138128 TI-UCD3138128 Datasheet
2Mb / 80P
UCD3138x Highly-Integrated Digital Controller For Isolated Power
UCD3138128A TI1-UCD3138128A Datasheet
2Mb / 83P
UCD3138128A Highly-Integrated Digital Controller For Isolated Power
UCD3138128APFC TI1-UCD3138128APFC Datasheet
2Mb / 83P
UCD3138128A Highly-Integrated Digital Controller For Isolated Power
UCD3138128APFCR TI1-UCD3138128APFCR Datasheet
2Mb / 83P
UCD3138128A Highly-Integrated Digital Controller For Isolated Power
UCD3138128PFC TI-UCD3138128PFC Datasheet
2Mb / 80P
UCD3138x Highly-Integrated Digital Controller For Isolated Power
More results

유사한 설명 - UCD3138128

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UCD3138 TI1-UCD3138 Datasheet
1Mb / 68P
Highly Integrated Digital Controller for Isolated Power
UCD3138A TI-UCD3138A_15 Datasheet
2Mb / 83P
Highly Integrated Digital Controller for Isolated Power
UCD3138128 TI-UCD3138128_15 Datasheet
2Mb / 80P
UCD3138x Highly-Integrated Digital Controller For Isolated Power
UCC3138 TI1-UCC3138 Datasheet
1Mb / 78P
Highly Integrated Digital Controller for Isolated Power
UCD3138064 TI1-UCD3138064 Datasheet
3Mb / 91P
UCD3138064 Highly Integrated Digital Controller for Isolated Power With 64-kB Program Flash Memory
UCD3138064A TI1-UCD3138064A Datasheet
2Mb / 83P
UCD3138064A Highly Integrated Digital Controller for Isolated Power
UCD3138128A TI1-UCD3138128A Datasheet
2Mb / 83P
UCD3138128A Highly-Integrated Digital Controller For Isolated Power
UCD3138 TI1-UCD3138_16 Datasheet
3Mb / 89P
Highly Integrated Digital Controller for Isolated Power
UCD3138A TI1-UCD3138A Datasheet
3Mb / 87P
Highly-Integrated Digital Controller for Isolated Power
UCD3138064 TI-UCD3138064_V01 Datasheet
5Mb / 104P
UCD3138064 Highly Integrated Digital Controller for Isolated Power With 64-kB Program Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84