전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

THS4151CD.A 데이터시트(PDF) 8 Page - Texas Instruments

부품명 THS4151CD.A
상세설명  HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

THS4151CD.A 데이터시트(HTML) 8 Page - Texas Instruments

Back Button THS4151CD.A Datasheet HTML 4Page - Texas Instruments THS4151CD.A Datasheet HTML 5Page - Texas Instruments THS4151CD.A Datasheet HTML 6Page - Texas Instruments THS4151CD.A Datasheet HTML 7Page - Texas Instruments THS4151CD.A Datasheet HTML 8Page - Texas Instruments THS4151CD.A Datasheet HTML 9Page - Texas Instruments THS4151CD.A Datasheet HTML 10Page - Texas Instruments THS4151CD.A Datasheet HTML 11Page - Texas Instruments THS4151CD.A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
−120
−110
−100
−90
−80
−70
−60
−50
−40
10 k
100 k
f − Frequency − Hz
1 M
10 M
Gain = 1,
Rf = 390 Ω,
RL = 800 Ω,
VO = 2 Vpp,
VCC = ±2.5 V
2nd HD
3rd HD
5th HD
4th HD
Differential Input to
Differential Output
−120
−110
−100
−90
−80
−70
−60
−50
−40
100 k
1 M
f − Frequency − Hz
10 M
100 M
Gain = 1,
Rf = 390 Ω,
RL = 800 Ω,
VO = 2 Vpp,
VCC = ±15 V
2nd HD
3rd HD
5th HD
4th HD
Single Input to
Differential Output
−120
−110
−100
−90
−80
−70
−60
−50
−40
100 k
1 M
f − Frequency − Hz
10 M
100 M
Gain = 1,
Rf = 390 Ω,
RL = 800 Ω,
VO = 2 Vpp,
VCC = ±5 V
2nd HD
3rd HD
5th HD
4th HD
Differential Input to
Differential Output
−120
−110
−100
−90
−80
−70
−60
−50
−40
10 k
100 k
f − Frequency − Hz
1 M
10 M
Gain = 1,
Rf = 390 Ω,
RL = 800 Ω,
VO = 2 Vpp,
VCC = ±15 V
2nd HD
3rd HD
5th HD
4th HD
Differential Input to
Differential Output
THS4150
THS4151
SLOS321G – MAY 2000 – REVISED MARCH 2009........................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
FREQUENCY
FREQUENCY
Figure 10.
Figure 11.
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
FREQUENCY
FREQUENCY
Figure 12.
Figure 13.
8
Submit Documentation Feedback
Copyright © 2000–2009, Texas Instruments Incorporated
Product Folder Link(s): THS4150 THS4151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com